Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75730-0118 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 75730-0118
Description  Micro-Max Power??High-Current Header
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

75730-0118 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  75730-0118 Datasheet HTML 1Page - Molex Electronics Ltd. 75730-0118 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Visit our website at www.molex.com/product/micromaxpower.html
Order No. 987650-1182
Printed in USA/JI/2007.06
©2007, Molex
4.00mm (.157”) Pitch
Micro-Max Power™
High-Current Header
75730 Board-to-Board
ORDERING INFORMATION
n
VRM modules or any application for point-of-load
power transfer
n
Small Form Factor (SFF) PCs, workstations, servers,
routers, switches, etc.
APPLICATIONS
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Asia Pacific North Headquarters
Yamato, Kanagawa, Japan
81-46-265-2325
apninfo@molex.com
Asia Pacific South Headquarters
Jurong, Singapore
65-6268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Order No.
Mother Board : 3.06mm (.120”)
Tail Length
Circuit Size
Order No.
Mother Board : 3.81mm (.150”)
Tail Length
Circuit Size
75730-0104
4
75730-0204
4
75730-0106
6
75730-0206
6
75730-0108
8
75730-0208
8
75730-0110
10
75730-0210
10
75730-0112
12
75730-0212
12
75730-0114
14
75730-0214
14
75730-0116
16
75730-0216
16
75730-0118
18
75730-0218
18
75730-0120
20
75730-0220
20
75730-0122
22
75730-0222
22
75730-0124
24
75730-0224
24
75730-0150
Voided Circuits
75730-0250
Voided Circuits
Note: Even circuit sizes shown above. Odd circuit sizes also available, please contact Molex.
VRM or Riser Card
Mother Board
4.17
4.00


Similar Part No. - 75730-0118

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75730-0111 MOLEX9-75730-0111 Datasheet
300Kb / 5P
   4.00mm (.157") EXTreme MicroPower Header, 11 Circuits, 3.06mm (.120") Tail Length
75730-0113 MOLEX9-75730-0113 Datasheet
300Kb / 5P
   4.00mm (.157") EXTreme MicroPower Header, 13 Circuits, 3.06mm (.120") Tail Length
75730-0115 MOLEX9-75730-0115 Datasheet
300Kb / 5P
   4.00mm (.157) EXTreme MicroPower??Header, 15 Circuits, 3.06mm (.120) Tail Length
75730-0117 MOLEX9-75730-0117 Datasheet
300Kb / 5P
   4.00mm (.157) EXTreme MicroPower??Header, 17 Circuits, 3.06mm (.120) Tail Length
75730-0119 MOLEX9-75730-0119 Datasheet
300Kb / 5P
   4.00mm (.157") EXTreme MicroPower??Header, 19 Circuits
More results

Similar Description - 75730-0118

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BFX30 NJSEMI-BFX30 Datasheet
89Kb / 2P
   High current (max.600 mA)
logo
Solid State Optronic
AD2C841 SSOUSA-AD2C841 Datasheet
334Kb / 8P
   High Continuous Load Current (2.5A MAX)
SMA4120 SSOUSA-SMA4120 Datasheet
222Kb / 6P
   High Load Current (0.5A MAX Continuous)
SMA4124 SSOUSA-SMA4124 Datasheet
223Kb / 6P
   High Load Current (1A MAX Continuous)
logo
Zetex Semiconductors
ZXCT1012 ZETEX-ZXCT1012 Datasheet
448Kb / 10P
   Reduced height micro-power current monitor
logo
Diodes Incorporated
ZXCT1012 DIODES-ZXCT1012 Datasheet
461Kb / 10P
   Reduced height micro-power current monitor
logo
Omron Electronics LLC
G8HE OMRON-G8HE Datasheet
151Kb / 3P
   High-Current Micro ISO Automotive Relay
G8V-RH OMRON-G8V-RH Datasheet
581Kb / 5P
   High-Current Micro 280 Automotive Relay
logo
SHIKUES Electronics
2SB624 SKTECHNOLGY-2SB624 Datasheet
635Kb / 1P
   Micro package High dc current gain
logo
Omron Electronics LLC
G8V-RH OMRON-G8V-RH_V01 Datasheet
340Kb / 3P
   High current Micro 280 terminal layout
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com