Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

48243-1201 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 48243-1201
Description  Board-to-Board MDC Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

48243-1201 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  48243-1201 Datasheet HTML 1Page - Molex Electronics Ltd. 48243-1201 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
SPECIIFICATIONS
0.80mm (.031”) Pitch
Board-to-Board
MDC Connector
48126
SMT Plug
48168, 48210, 48211,
48243, 48233
SMT Receptacle
48168
48210
48211
48233
48243
Molex offers the MDC connectors for mobile personal computer audio and
modem codec solutions.
The Azalia mobile daughter card (MDC) specification provides a mobile form-
factor modules and interface for audio or modem or audio/modem codec
solutions . The MDC specification is open to the industry to facilitate IHV
validation on Azalia based codec designs.
There are 2 system interface connector for the MDC. They are the MDC 1.0
and MDC 1.5. The MDC 1.0 can apply to audio, modem, or audio and modem
codec solutions and the MDC 1.5 applies to modem or audio codec solutions
only. The MDC 1.0 and MDC 1.5 comes in a 30 circuits and 12 circuits
configuration respectively.
Molex offers the complete range of MDC connectors which covers the mated
height of 3mm to 5.5 mm.
Features
Benefits
• Multiple stack heights
• Offers design flexibility
• Cantilever-type gold contact
• Reliability under severe shock and vibration
• High Temp housing material
• Withstands high-temperature SMT soldering
process
• Embossed tape packaging
• Automated pick & place
• RoHS compliant
• Compliant with environmental requirements
Reference Information
Packaging:Tape & Reel
UL File No.:
CSA File No.:
Mates : 48168 / 48210 / 48211 mates with
48126
Designed In: mm
Electrical
Voltage: 50V
Current: 0.5A
Contact Resistance: 40 Milliohms Max.
Dielectric Withstanding Voltage: 250V AC
Insulation Resistance: 1000 Megohms min.
Mechanical
Mating Force: 0.69N max.
Unmating Force: 0.12N min.
Durability: 50 cycles
Physical
Housing: High Temperature, Thermoplastic,
Glass-filled
Contact: Copper Alloy
Plating: Tin (Sn)
Under plating: 1.27 um Nickel (Ni)
Operating Temperature: -40 °C to +85 °C.
48126
48120
48168
48211
48233
48243


Similar Part No. - 48243-1201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
48243-000 ETC1-48243-000 Datasheet
379Kb / 3P
   Discrete Crimp-to-Wire Pins/Receptacles/Housings
More results

Similar Description - 48243-1201

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BB5-S-XX ADAM-TECH-BB5-S-XX Datasheet
152Kb / 1P
   BOARD TO BOARD CONNECTOR
logo
Kyocera Kinseki Corpota...
5015 KSS-5015 Datasheet
430Kb / 3P
   Board to Board Connector
5678 KSS-5678 Datasheet
675Kb / 2P
   Board to Board Connector
5047 KSS-5047 Datasheet
325Kb / 2P
   Board to Board Connector
5689 KSS-5689 Datasheet
525Kb / 2P
   Board to Board Connector
5802 KSS-5802 Datasheet
380Kb / 2P
   Board to Board Connector
5843 KSS-5843 Datasheet
612Kb / 3P
   Board to Board Connector
logo
TE Connectivity Ltd
C-2246092 TEC-C-2246092 Datasheet
309Kb / 3P
   Board to Board Connector
logo
Kyocera Kinseki Corpota...
5608 KSS-5608 Datasheet
743Kb / 3P
   Board to Board Connector
5690 KSS-5690 Datasheet
554Kb / 2P
   Board to Board Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com