Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCM31PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # HCM31PT
Description  HIGH EFFICIENCY SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

HCM31PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  HCM31PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. HCM31PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* For surface mounted applications
* Low profile package
* Built-in strain relief
* Superfast recovery times for high efficiency
* Ideal for automated placement
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Glass passivated junction
* High temperature soldering guaranteed :
260
oC/10 seconds at terminals
Case: JEDEC SMC molded plastic
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Indicated by cathode band
Weight: 0.003 ounces, 0.093 gram
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
HCM31PT
THRU
HCM38PT
SMC
SMC
Dimensions in inches and (millimeters)
CHENMKO ENTERPRISE CO.,LTD
VOLTAGE RANGE 50 - 1000 Volts
CURRENT 3.0 Amperes
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
CHARACTERISTICS
SYMBOL
UNITS
1.0
1.3
1.7
1.5
10
@ TA = 25
oC
50
70
uAmps
500
uAmps
nSec
Volts
Maximum Instantaneous Forward Voltage at 3.0 A DC
Maximum DC Reverse Current
at Rated DC Blocking Voltage
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current TL = 100
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 1)
Operating and Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
VF
Maximum Reverse Recovery Time (Note 2)
trr
IR
TJ, TSTG
IFSM
UNITS
Volts
Volts
Volts
Amps
HCM31PT
50
35
50
HCM33PT
200
140
200
HCM34PT
210
300
300
HCM35PT
400
280
400
HCM36PT
600
420
600
HCM38PT
1000
700
1000
HCM37PT
800
560
800
3.0
100
70
50
-65 to +150
Amps
pF
oC
HCM32PT
100
70
100
1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts
2. Test Conditions : IF = 0.5 A, IR = -1.0 A, IRR = -0.25 A
@ TA = 100
oC
0.245(6.22)
0.220(5.59)
0.103(2.62)
0.079(2.06)
0.060(1.52)
0.030(0.76)
0.012(0.305)
0.008(0.203)(max)
0.006(0.152)
0.280(7.11)
0.260(6.60)
0.125(3.17)
0.115(2.92)
0.320(8.13)
0.305(7.75)
SURFACE MOUNT GLASS PASSIVATED
HIGH EFFICIENCY SILICON RECTIFIER
2002-5
(1)
(2)
HCM31PT
HCM33PT HCM34PT HCM35PT HCM36PT
HCM38PT
HCM37PT
HCM32PT


Similar Part No. - HCM31PT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HCM ETC1-HCM Datasheet
44Kb / 4P
   High enerhy absorption cylinder, double acting/single rod type
logo
Hammond Manufacturing L...
HCM HAMMOND-HCM Datasheet
47Kb / 1P
   Etrie de retenue horizontal
logo
Mitsubishi Electric Sem...
HCM-1002-H MITSUBISHI-HCM-1002-H Datasheet
128Kb / 7P
   HIGH VOLTAGE IGBT MODULE TARGET SPECIFICATION
logo
Lanner All Rights Reser...
HCM-1030 LANNER-HCM-1030 Datasheet
397Kb / 1P
   100 GbE Switch Blade with Broadcom StrataXGS Tomahawk BCM56960
V6-2022,4,14
HCM-1030E LANNER-HCM-1030E Datasheet
397Kb / 1P
   100 GbE Switch Blade with Broadcom StrataXGS Tomahawk BCM56960
V6-2022,4,14
More results

Similar Description - HCM31PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
UPL11PT CHENMKO-UPL11PT Datasheet
166Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HPL11PT CHENMKO-HPL11PT Datasheet
159Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HSM11SPT CHENMKO-HSM11SPT Datasheet
111Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HPL41CTPT CHENMKO-HPL41CTPT Datasheet
177Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HBM11PT CHENMKO-HBM11PT Datasheet
106Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HBM31PT CHENMKO-HBM31PT Datasheet
105Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HPL21PT CHENMKO-HPL21PT Datasheet
151Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HPL31PT CHENMKO-HPL31PT Datasheet
154Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HSM21PT CHENMKO-HSM21PT Datasheet
87Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HPL21CTPT CHENMKO-HPL21CTPT Datasheet
184Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HSM11PT CHENMKO-HSM11PT Datasheet
88Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com