Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBM24PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # HBM24PT
Description  SURFACE MOUNT GLASS PASSIVATED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

HBM24PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  HBM24PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. HBM24PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( HBM21PT THRU HBM28PT )
FIG. 1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG. 6 - TYPICAL JUNCTION CAPACITANCE
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
REVERSE VOLTAGE, ( V )
NUMBER OF CYCLES AT 60 Hz
INSTANTANEOUS FORWARD VOLTAGE, ( V )
PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % )
NONINDUCTIVE
NONINDUCTIVE
D.U.T
( + )
25 Vdc
(approx)
( - )
1
NON-
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
( - )
( + )
NOTES: 1. Rise Time = 7 ns max. Input Impedance =
1 megohm. 22 pF.
2. Rise Time = 10 ns max. Source Impedlance=
50 ohms.
+0.5A
0
-0.25A
-1.0A
trr
1cm
SET TIME BASE FOR
10/20 nS/cm
LEAD TEMPERATURE (
OC )
FIG. 2 - TYPICAL FORWARD
CURRENT DERATING CURVE
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
2.0
1.0
0
25
0
50 75 100 125 150 175
10
1.0
0.1
.01
.001
0
.2
.4
.6
.8
1.0
1.2
1.4
1.6
1.8
0
20
40
60
80
100
120
140
Pulse Width = 300uS
1% Duty Cycle
TJ =25
oC
TJ =25
oC
TJ =25
oC
TJ =100
oC
TJ =125
oC
.01
.1
1.0
10
100
200
100
60
40
20
10
6
4
2
1
.1
.2
.4
1.0
2
4
10
20
40
100
1
2
5
10
20
50
100
70
60
50
40
30
20
10
0
8.3ms Single Half Sine-Wave
(JEDEC Method)
50
10
HBM21PT~HBM25PT
HBM26PT~HBM28PT


Similar Part No. - HBM24PT

ManufacturerPart #DatasheetDescription
logo
HANAMICRON
HBM2X1M HANAMICRON-HBM2X1M Datasheet
211Kb / 18P
   Bluetooth V1.2 Class 2 Module
More results

Similar Description - HBM24PT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
HFM103 LRC-HFM103_15 Datasheet
179Kb / 4P
   Surface Mount Glass Passivated
logo
PACELEADER INDUSTRIAL
PFFM101 PACELEADER-PFFM101 Datasheet
294Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED
logo
Leshan Radio Company
FM4937 LRC-FM4937_15 Datasheet
272Kb / 4P
   Surface Mount Glass Passivated
HFM102 LRC-HFM102_15 Datasheet
179Kb / 4P
   Surface Mount Glass Passivated
FFM101 LRC-FFM101_15 Datasheet
178Kb / 4P
   Surface Mount Glass Passivated
logo
HY ELECTRONIC CORP.
MSB20A HY-MSB20A Datasheet
154Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
S3A SSE-S3A Datasheet
16Kb / 1P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
General Semiconductor
ZGL41-100 GE-ZGL41-100 Datasheet
40Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
logo
Shenzhen Taychipst Elec...
S3A TAYCHIPST-S3A Datasheet
14Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
S1G-TR VISHAY-S1G-TR Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 19-Aug-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com