Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSM157PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # FSM157PT
Description  FAST RECOVERY SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

FSM157PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  FSM157PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. FSM157PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Low leakage current
* Ideal for surface mounted applications
* Metallurgically bonded construction
* Fast recovery times for high efficiency
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Glass passivated junction
* High temperature soldering guaranteed :
260
oC/10 seconds at terminals
Case: JEDEC SMA molded plastic
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Weight: 0.002 ounce 0.064 gram
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
FSM157PT
THRU
FSM159PT
SMA
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT GLASS PASSIVATED
FAST RECOVERY SILICON RECTIFIER
VOLTAGE RANGE 400 - 1000 Volts
CURRENT 1.0 Ampere
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
Maximum Thermal Resistance
Maximum Reverse Recovery Time From
IF=0.5A to IR= -1A with IRR= -0.25A
CHARACTERISTICS
SYMBOL
UNITS
1.3
5.0
60
150
250
oC / W
nS
Volts
Maximum Instantaneous Forward Voltage at 1.0 A DC
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Peak Recurrent and Non Recurrent Reverse Voltage
Forward current, R load at Temperatur TL = 100
oC
Recurrent Peak Forward Current
10 ms. Peak Forward Surge Current
Maximum Operating Temperature
Storage Temperature Range
SYMBOL
VRRM
IF ( AV )
IFRM
IFSM
VF
uA
Reverse current at VRRM at 25
oC
IR
trr
2.2
1.8
2.0
pF
Capacitance at 1 MHZ and VRRM
CD
R JA
TSTG
TJ
FSM157PT
FSM158PT
UNITS
400
1000
Amps
Volts
Amps
Amps
35
+150
-65 to +150
oC
oC
600
1.0
9.0
2002-5
FSM159PT
FSM159PT
FSM157PT
FSM158PT
(1)
(2)
SMA
Dimensions in inches and (millimeters)
0.110(2.80)
0.094(2.40)
0.090(2.30)
0.075(1.90)
0.060(1.52)
0.030(0.76)
0.012(0.310)
0.006(0.150)
0.181(4.60)
0.165(4.20)
0.065(1.65)
0.049(1.25)
0.212(5.40)
0.189(4.80)
0.008 (0.203)(max)


Similar Part No. - FSM157PT

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
FSM157 PACELEADER-FSM157 Datasheet
156Kb / 2P
   SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results

Similar Description - FSM157PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
FSM11PT CHENMKO-FSM11PT Datasheet
86Kb / 2P
   FAST RECOVERY SILICON RECTIFIER
FBM31PT CHENMKO-FBM31PT Datasheet
101Kb / 2P
   FAST RECOVERY SILICON RECTIFIER
logo
GOOD-ARK Electronics
BY396 GOOD-ARK-BY396 Datasheet
48Kb / 2P
   FAST RECOVERY SILICON RECTIFIER
logo
NTE Electronics
NTE625 NTE-NTE625 Datasheet
18Kb / 2P
   Silicon Rectifier Fast Recovery
logo
GOOD-ARK Electronics
BY296 GOOD-ARK-BY296 Datasheet
48Kb / 2P
   FAST RECOVERY SILICON RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
FS1A WINNERJOIN-FS1A Datasheet
221Kb / 2P
   Fast Recovery Silicon Rectifier
logo
Chenmko Enterprise Co. ...
FBM21PT CHENMKO-FBM21PT Datasheet
103Kb / 2P
   FAST RECOVERY SILICON RECTIFIER
FBM11PT CHENMKO-FBM11PT Datasheet
194Kb / 2P
   FAST RECOVERY SILICON RECTIFIER
FPL11PT CHENMKO-FPL11PT Datasheet
144Kb / 2P
   FAST RECOVERY SILICON RECTIFIER
FSM21PT CHENMKO-FSM21PT Datasheet
85Kb / 2P
   FAST RECOVERY SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com