Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

48206-0105 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 48206-0105
Description  Fully Buffered DIMM Socket 240 CircuitWith Color Options
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

48206-0105 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  48206-0105 Datasheet HTML 1Page - Molex Electronics Ltd. 48206-0105 Datasheet HTML 2Page - Molex Electronics Ltd. 48206-0105 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bringing People & Technology Together, Worldwide
SM
Visit our Web site at http://www.molex.com
Americas Headquarters
2222 Wellington Ct.
Lisle, Illinois 60532 USA
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, Illinois 60532 USA
630-969-4550
ORDERING INFORMATION
Order No. SNG-055
©2006, Molex
Plating
Solder Tail Length Latch Color Housing
Recommended PCB Thickness
48206-0001
0.38µm (15µ")
Gold (Au)
48206-0002
0.76µm (30µ")
Gold (Au)
48206-0003
0.38µm (15µ")
Gold (Au)
48206-0004
0.76µm (30µ")
Gold (Au)
48206-0005
Gold (Au)
Flash
2.67mm (.105")
48206-0006
Gold (Au)
Flash
3.18mm (.125")
48206-0101
0.38µm (15µ")
Gold (Au)
2.67mm (.105")
48206-0102
0.76µm (30µ")
Gold (Au)
2.67mm (.105")
48206-0103
0.38µm (15µ")
Gold (Au)
3.18mm (.125")
48206-0104
0.76µm (30µ")
Gold (Au)
3.18mm (.125")
48206-0105
Gold (Au)
Flash
2.67mm (.105")
48206-0106
Gold (Au)
Flash
3.18mm (.125")
48206-9001
0.38µm (15µ")
Gold (Au)
2.67mm (.105")
48206-9002
0.76µm (30µ")
Gold (Au)
2.67mm (.105")
48206-9003
0.38µm (15µ")
Gold (Au)
3.18mm (.125")
48206-9004
0.76µm (30µ")
Gold (Au)
3.18mm (.125")
48206-9005
Gold (Au)
Flash
2.67mm (.105")
1.60mm (.062")
White
Nylon 6/6,
Blue
1.60mm (.062")
1.60mm (.062")
White
Description
Lead-Free
Ordering
Features
Nylon 4/6,
Black
Black
Nylon 4/6,
Black
FB DIMM
Socket,
Vertical, with
Beveled Metal
Pins,
1.8V Center
3.18mm (.125")
2.67mm (.105")
1.00mm (.039") Pitch
Fully Buffered DIMM Socket
240 Circuit
With Color Options
48206
Vertical, Through Hole


Similar Part No. - 48206-0105

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
48206-0105 MOLEX6-48206-0105 Datasheet
628Kb / 8P
   1.00mm (.039") Pitch FB DIMM Socket, Vertical, with Beveled Metal Pins and BlackLatch, Nylon 4/6 Black Housing, Gold (Au) Flash, 2.67mm (.105") Solder Tail, 240 Circuits, Lead Free
More results

Similar Description - 48206-0105

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21FE8ACFT ELPIDA-EBE21FE8ACFT Datasheet
201Kb / 22P
   2GB Fully Buffered DIMM
EBE51FD8AHFT ELPIDA-EBE51FD8AHFT Datasheet
198Kb / 22P
   512MB Fully Buffered DIMM
EBE41FE4ACFR ELPIDA-EBE41FE4ACFR Datasheet
215Kb / 22P
   4GB Fully Buffered DIMM
EBE42FE8ACWR ELPIDA-EBE42FE8ACWR Datasheet
260Kb / 22P
   4GB Fully Buffered DIMM
EBE21FD4AGFD ELPIDA-EBE21FD4AGFD Datasheet
210Kb / 22P
   2GB Fully Buffered DIMM
EBE81FF4ABHT ELPIDA-EBE81FF4ABHT Datasheet
235Kb / 22P
   8GB Fully Buffered DIMM
EBE41FE4ABHT ELPIDA-EBE41FE4ABHT Datasheet
207Kb / 22P
   4GB Fully Buffered DIMM
EBE21FE8ACWR ELPIDA-EBE21FE8ACWR Datasheet
206Kb / 22P
   2GB Fully Buffered DIMM
EBE41FE4ACWR ELPIDA-EBE41FE4ACWR Datasheet
215Kb / 22P
   4GB Fully Buffered DIMM
EBE21FD4AJFT ELPIDA-EBE21FD4AJFT Datasheet
236Kb / 22P
   2GB Fully Buffered DIMM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com