Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

48206-0102 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 48206-0102
Description  Fully Buffered DIMM Socket 240 CircuitWith Color Options
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

48206-0102 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  48206-0102 Datasheet HTML 1Page - Molex Electronics Ltd. 48206-0102 Datasheet HTML 2Page - Molex Electronics Ltd. 48206-0102 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MARKETS AND APPLICATIONS
1.00mm (.039") Pitch
Fully Buffered DIMM Socket
240 Circuit
With Color Options
48206
Vertical, Through Hole
Computing
High-end workstations
Servers
Blade servers
Rack-optimized servers
Mainframe
Telecommunications
Routers
Switches
High-end Workstation
Telecommunications Router
Server


Similar Part No. - 48206-0102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
48206-0105 MOLEX6-48206-0105 Datasheet
628Kb / 8P
   1.00mm (.039") Pitch FB DIMM Socket, Vertical, with Beveled Metal Pins and BlackLatch, Nylon 4/6 Black Housing, Gold (Au) Flash, 2.67mm (.105") Solder Tail, 240 Circuits, Lead Free
More results

Similar Description - 48206-0102

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21FE8ACFT ELPIDA-EBE21FE8ACFT Datasheet
201Kb / 22P
   2GB Fully Buffered DIMM
EBE51FD8AHFT ELPIDA-EBE51FD8AHFT Datasheet
198Kb / 22P
   512MB Fully Buffered DIMM
EBE41FE4ACFR ELPIDA-EBE41FE4ACFR Datasheet
215Kb / 22P
   4GB Fully Buffered DIMM
EBE42FE8ACWR ELPIDA-EBE42FE8ACWR Datasheet
260Kb / 22P
   4GB Fully Buffered DIMM
EBE21FD4AGFD ELPIDA-EBE21FD4AGFD Datasheet
210Kb / 22P
   2GB Fully Buffered DIMM
EBE81FF4ABHT ELPIDA-EBE81FF4ABHT Datasheet
235Kb / 22P
   8GB Fully Buffered DIMM
EBE41FE4ABHT ELPIDA-EBE41FE4ABHT Datasheet
207Kb / 22P
   4GB Fully Buffered DIMM
EBE21FE8ACWR ELPIDA-EBE21FE8ACWR Datasheet
206Kb / 22P
   2GB Fully Buffered DIMM
EBE41FE4ACWR ELPIDA-EBE41FE4ACWR Datasheet
215Kb / 22P
   4GB Fully Buffered DIMM
EBE21FD4AJFT ELPIDA-EBE21FD4AJFT Datasheet
236Kb / 22P
   2GB Fully Buffered DIMM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com