Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

48206-0003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 48206-0003
Description  Fully Buffered DIMM Socket 240 CircuitWith Color Options
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

48206-0003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  48206-0003 Datasheet HTML 1Page - Molex Electronics Ltd. 48206-0003 Datasheet HTML 2Page - Molex Electronics Ltd. 48206-0003 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES AND SPECIFICATIONS
SPECIIFICATIONS
1.00mm (.039") Pitch
Fully Buffered DIMM Socket
240 Circuit
With Color Options
48206
Vertical, Through Hole
Molex offers the Fully Buffered DIMM with color options for server applications.
The development of Fully Buffered DIMM (FB DIMM) came from the need for larger
and faster memory capacity where memory coordination and accuracy at high speeds
are critical which DDR2 is not capable of supporting.
The FB DIMM is a variant of the DDR2. It combines the high-speed internal
architecture of DDR2 with a bi-directional point-to-point serial memory interface
which links each FB DIMM module together in a chain. The difference is here in which
the DDR2 uses a single memory bus.
Molex is an active member of the JEDEC work group that defines industry standards
for memory. This allows Molex to ensure that all our memory sockets are 100%
industry compatible.
Features
Benefits
• High-temperature thermoplastic housing
• Lead-free process compatible
• Accepts JEDEC defined module MO-256
• Complies with JEDEC SO-003 socket specifications
• Ensures 100% industry compatibility
• Dual ejector latches
• Ensures easy module insertion and removal with minimal micro
motion
• Built in end key design
• Ensures correct insertion of FB memory module
• Latch tower support
• Aids in keeping the module vertical
• Beveled metal pins (forklocks)
• Provides proper socket to PCB alignment and retention, during and
after soldering
Reference Information
Packaging: Tray
UL File No.: TBD
CSA File No.:TBD
Mates With: JEDEC MO-256 memory modules
Complies with: JEDEC SO-003 Socket Outline
Designed In: Millimeters
Electrical
Voltage: 30V
Current: 0.5A
Contact Resistance: 20 milliohms max
Dielectric Withstanding Voltage: 500V AC
Insulation Resistance: 1000 Megohms min
Mechanical
Contact retention to housing: 3N min (Contact)
13N min (Forklock)
Insertion Force to PCB: 0.56N (0.13lb)
Mating Force: 0.81N (0.18lb)
Unmating Force: 0.02N (0.01lb)
Latch Actuation Force: 45N max per latch
Durability: 10 Cycles
Physical
Housing: See order table
Flammability rating: UL 94V-0
Contact: Copper (Cu) Alloy
PCB thickness: 1.60mm (.062”)
Plating:
Contact Area — See order table
Solder Tail Area —Tin (Sn), Lead-free
Underplating — Nickel
Operating Temperature: +260°C max.


Similar Part No. - 48206-0003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
48206-0005 MOLEX6-48206-0005 Datasheet
628Kb / 8P
   1.00mm (.039") Pitch FB DIMM Socket, Vertical, with Beveled Metal Pins and White Latch, Nylon 4/6 Black
More results

Similar Description - 48206-0003

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21FE8ACFT ELPIDA-EBE21FE8ACFT Datasheet
201Kb / 22P
   2GB Fully Buffered DIMM
EBE51FD8AHFT ELPIDA-EBE51FD8AHFT Datasheet
198Kb / 22P
   512MB Fully Buffered DIMM
EBE41FE4ACFR ELPIDA-EBE41FE4ACFR Datasheet
215Kb / 22P
   4GB Fully Buffered DIMM
EBE42FE8ACWR ELPIDA-EBE42FE8ACWR Datasheet
260Kb / 22P
   4GB Fully Buffered DIMM
EBE21FD4AGFD ELPIDA-EBE21FD4AGFD Datasheet
210Kb / 22P
   2GB Fully Buffered DIMM
EBE81FF4ABHT ELPIDA-EBE81FF4ABHT Datasheet
235Kb / 22P
   8GB Fully Buffered DIMM
EBE41FE4ABHT ELPIDA-EBE41FE4ABHT Datasheet
207Kb / 22P
   4GB Fully Buffered DIMM
EBE21FE8ACWR ELPIDA-EBE21FE8ACWR Datasheet
206Kb / 22P
   2GB Fully Buffered DIMM
EBE41FE4ACWR ELPIDA-EBE41FE4ACWR Datasheet
215Kb / 22P
   4GB Fully Buffered DIMM
EBE21FD4AJFT ELPIDA-EBE21FD4AJFT Datasheet
236Kb / 22P
   2GB Fully Buffered DIMM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com