Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAR7LFT6K8FA Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # CAR7LFT6K8FA
Description  Ultra Precision Metal Film Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CAR7LFT6K8FA Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  CAR7LFT6K8FA Datasheet HTML 1Page - IRC - a TT electronics Company. CAR7LFT6K8FA Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
CAR5LF
C
6K8
B
B
IRC Type
CAR5LF, CAR6LF, CAR7LF
TCR (see electrical data for code)
Value (USE IEC 62 code)
Tolerance
F = ±1.0%, D = ±0.50%, C = ±0.25%,
B = ±0.10%, W = ±0.05%, P = ±0.02%, L = ±0.01%
Packaging details
A = Ammo Pack; B = Bulk; T = Tape and Reel
Ultra Precision
Metal Film Resistor
The standard packaging is loose in boxes. Taped
resistors (on reel or in ammo pack) can also be
supplied by special request. A detail taping
specification is available on request.
Packaging Data
Type
CAR5LF
CAR6LF
CAR7LF
Bulk
Ammo
Reel
250
1000
1000
125
1000
2500
50
N/A
N/A
Standard Quantities
Physical Data
Dimensions (inches)
Style
L
(max)
D diameter
(max)
CL to CL
d
(diameter nominal)
Lead Length LL
CAR5LF
CAR6LF
CAR7LF
0.400
0.416
0.600
0.150
0.161
0.200
0.450
0.450
0.685
0.025 AWG #22
0.025 AWG #22
0.025 AWG #22
1.50 ± 0.125
1.50 ± 0.125
1.50 ± 0.125
Ordering Data
CAR Series Issue December 2008 Sheet 2 of 2
Sample Part No.


Similar Part No. - CAR7LFT6K8FA

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CAR7 WELWYN-CAR7 Datasheet
109Kb / 2P
   Ultra Precision Metal Film Resistors
logo
TT Electronics.
CAR7 TTELEC-CAR7 Datasheet
310Kb / 3P
   Superior moisture performance
CAR7 TTELEC-CAR7 Datasheet
395Kb / 3P
   Ultra Precision Metal Film Resistors
logo
RRC power solutions Ltd...
CAR70M RRC-CAR70M Datasheet
278Kb / 3P
   Car Adapter DC/DC
More results

Similar Description - CAR7LFT6K8FA

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
RC-RC55LFB6K8FA IRCTT-RC-RC55LFB6K8FA Datasheet
225Kb / 3P
   Precision Metal Film Resistor
logo
C&B ELECTRONICS (SHENZH...
MMFR RESI-MMFR Datasheet
533Kb / 7P
   Precision Metal Film Molded Resistor
logo
Riedon Powertron
MF4200 RIEDON-MF4200 Datasheet
336Kb / 1P
   Precision Metal Film Resistor Networks
MF4115 RIEDON-MF4115 Datasheet
330Kb / 1P
   Precision Metal Film Resistor Networks
logo
Willow Technologies Ltd
MF4115 WILLOW-MF4115 Datasheet
394Kb / 1P
   Precision Metal Film Resistor Networks
logo
Riedon Powertron
MF4200 RIEDON-MF4200_13 Datasheet
174Kb / 1P
   Precision Metal Film Resistor Networks
MF4115 RIEDON-MF4115_13 Datasheet
182Kb / 1P
   Precision Metal Film Resistor Networks
logo
Stackpole Electronics, ...
RNS SEI-RNS Datasheet
286Kb / 5P
   Ultra Miniature Metal Film Resistor
10/22/2020
logo
KOA Speer Electronics, ...
MRPL03EAD103BA KOA-MRPL03EAD103BA Datasheet
401Kb / 2P
   precision metal film resistor SIP networks
MRPL03EA KOA-MRPL03EA Datasheet
109Kb / 2P
   precision metal film resistor SIP network
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com