Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6202BGNZ250 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS320C6202BGNZ250
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6202BGNZ250 Datasheet(HTML) 4 Page - Texas Instruments

  TMS320C6202BGNZ250 Datasheet HTML 1Page - Texas Instruments TMS320C6202BGNZ250 Datasheet HTML 2Page - Texas Instruments TMS320C6202BGNZ250 Datasheet HTML 3Page - Texas Instruments TMS320C6202BGNZ250 Datasheet HTML 4Page - Texas Instruments TMS320C6202BGNZ250 Datasheet HTML 5Page - Texas Instruments TMS320C6202BGNZ250 Datasheet HTML 6Page - Texas Instruments TMS320C6202BGNZ250 Datasheet HTML 7Page - Texas Instruments TMS320C6202BGNZ250 Datasheet HTML 8Page - Texas Instruments TMS320C6202BGNZ250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 86 page
background image
TMS320C6202, TMS320C6202B, TMS320C6203, TMS320C6204
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS104A – OCTOBER 1999 – REVISED MARCH 2000
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
device selection guide
Table 1 provides an overview of the TMS320C6202/02B/03/04 pin-compatible DSPs. The table shows
significant features of each device, including the capacity of on-chip RAM, the peripherals, the execution time,
and the package type with pin count, etc.
Table 1. TMS320C6202/02B/03/04 DSP Selection Guide
HARDWARE FEATURES
’C6202
’C6202B
’C6203
’C6204
EMIF
Peripherals
DMA
4-Channel
4-Channel With
Throughput
Enhancements
4-Channel With
Throughput
Enhancements
4-Channel With
Throughput
Enhancements
Peripherals
Expansion Bus
McBSPs
3
3
3
2
32-Bit Timers
2
2
2
2
Size (Bytes)
256K
256K
384K
64K
Internal Program
Memory
Organization
Block 0:
128K Bytes
Mapped Program
Block 1:
128K Bytes
Cache/Mapped
Program
Block 0:
128K Bytes
Mapped Program
Block 1:
128K Bytes
Cache/Mapped
Program
Block 0:
256K Bytes Mapped
Program
Block 1:
128K Bytes
Cache/Mapped
Program
1 Block:
64K Bytes
Cache/Mapped
Program
Size (Bytes)
128K
128K
512K
64K
Internal Data
Memory
Organization
2 Blocks:
Four 16-Bit Banks
per Block
50/50 Split
2 Blocks:
Four 16-Bit Banks
per Block
50/50 Split
2 Blocks:
Four 16-Bit Banks
per Block
50/50 Split
2 Blocks:
Four 16-Bit Banks
per Block
50/50 Split
Frequency
MHz
200, 250
250
250, 300
200
Cycle Time
ns
4 ns (’6202-250)
5 ns (’6202-200)
4 ns (’6202B-250)
3.33 ns (’6203-300)
4 ns (’6203-250)
5 ns (’6204-200)
Voltage
Core (V)
1.8
1.5
1.5
1.5
Voltage
I/O (V)
3.3
3.3
3.3
3.3
Bypass (x1)
PLL Options:
x4
PLL O tions:
In Both Packages
x8
g
x10
Additional
x6
Additional
PLL Options:
18x18mm
x7
18 x 18 mm
Packages
x9
Packages
(GLS/GLW only)
x11
BGA Package
27 x 27 mm
352-pin GJL
352-pin GJL
352-pin GJL
BGA Package
18 x 18 mm
384-pin GLS
384-pin GLS
384-pin GLS
340-pin GLW
Process
Technology
µm
0.18
µm (18C05)
0.15
µm (15C05)
0.15
µm (15C05)
0.15
µm (15C05)
Product Status
Product Preview (PP)
Advance Information (AI)
Production Data (PD)
PD
PP
AI
PP


Similar Part No. - TMS320C6202BGNZ250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6202BGNZ250 TI-TMS320C6202BGNZ250 Datasheet
1Mb / 105P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202BGNZ250 TI1-TMS320C6202BGNZ250 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C6202BGNZ250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com