Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C50 Datasheet(PDF) 52 Page - Texas Instruments

Part # TMS320C50
Description  DIGITAL SIGNAL PROCESSORS
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C50 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS320C50 Datasheet HTML 48Page - Texas Instruments TMS320C50 Datasheet HTML 49Page - Texas Instruments TMS320C50 Datasheet HTML 50Page - Texas Instruments TMS320C50 Datasheet HTML 51Page - Texas Instruments TMS320C50 Datasheet HTML 52Page - Texas Instruments TMS320C50 Datasheet HTML 53Page - Texas Instruments TMS320C50 Datasheet HTML 54Page - Texas Instruments TMS320C50 Datasheet HTML 55Page - Texas Instruments TMS320C50 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 91 page
background image
TMS320C5x, TMS320LC5x
DIGITAL SIGNAL PROCESSORS
SPRS030A – APRIL 1995 – REVISED APRIL 1996
52
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
internal divide-by-two clock option with external crystal
The internal oscillator is enabled by connecting a crystal across X1 and X2/CLKIN. The frequency of CLKOUT1
is one-half of the crystal’s oscillating frequency. The crystal should be in either fundamental or overtone
operation and parallel resonant, with an effective series resistance of 30
Ω and a power dissipation of 1 mW;
it should be specified at a load capacitance of 20 pF. Overtone crystals require an additional tuned-LC circuit.
Figure 12 shows an external crystal (fundamental frequency) connected to the on-chip oscillator.
recommended operating conditions for internal divide-by-two clock option
MIN
NOM
MAX
UNIT
TMS320C5x-40
0†
40.96
TMS320C5x-57
0†
57.14
MHz
TMS320C5x-80
0†
80
MHz
fclk
Input clock frequency
TMS320C5x-100‡
0†
100
TMS320LC5x-40
0†
40
TMS320LC5x-50
0†
50
MHz
TMS320LC5x-80
0†
80
C1, C2 Load capacitance
10
pF
† This device utilizes a fully static design and, therefore, can operate with input clock cycle time (tc(CI)) approaching ∞. The device is characterized
at frequencies approaching 0 Hz, but is tested at fclk = 6.7 MHz to meet device test time requirements.
‡ ’320C51, ’320C52 currently available at this clock speed
X1
X2 / CLKIN
C1
C2
Crystal
Figure 12. Internal Clock Option


Similar Part No. - TMS320C50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C50 TI-TMS320C50 Datasheet
1Mb / 87P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C50 TI1-TMS320C50 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C50 TI1-TMS320C50 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C50PGE TI1-TMS320C50PGE Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C50PGE57 TI1-TMS320C50PGE57 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com