Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHT4401TPT Datasheet(PDF) 6 Page - Chenmko Enterprise Co. Ltd.

Part # CHT4401TPT
Description  NPN Switching Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHT4401TPT Datasheet(HTML) 6 Page - Chenmko Enterprise Co. Ltd.

  CHT4401TPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHT4401TPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHT4401TPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. CHT4401TPT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. CHT4401TPT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd. CHT4401TPT Datasheet HTML 6Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
RATING CHARACTERISTIC CURVES ( CHT4401TPT )
Test Circuits
30 V
1.0 K
16 V
0
≤≤≤≤≤ 200ns
≤≤≤≤≤ 200ns
500
200
50
37
- 1.5 V
1.0 K
6.0 V
0
30 V
FIGURE 1: Saturated Turn-On Switching Timer
NOTE: BV
= 5.0 V
FIGURE 2: Saturated Turn-Off Switching Time
EBO
1k


Similar Part No. - CHT4401TPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHT4401N1PT CHENMKO-CHT4401N1PT Datasheet
131Kb / 4P
   NPN Switching Transistor
CHT4401PT CHENMKO-CHT4401PT Datasheet
134Kb / 6P
   NPN Switching Transistor
CHT4401SPT CHENMKO-CHT4401SPT Datasheet
165Kb / 4P
   NPN Switching Transistor
CHT4401WPT CHENMKO-CHT4401WPT Datasheet
285Kb / 4P
   NPN Switching Transistor
More results

Similar Description - CHT4401TPT

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
   NPN Switching Transistor
logo
NXP Semiconductors
2N3904 PHILIPS-2N3904 Datasheet
45Kb / 8P
   NPN switching transistor
1999 Apr 23
BFX85 PHILIPS-BFX85 Datasheet
56Kb / 8P
   NPN switching transistor
1997 Apr 22
PMBT4401 PHILIPS-PMBT4401 Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 15
PMST3904 PHILIPS-PMST3904 Datasheet
47Kb / 8P
   NPN switching transistor
1999 Apr 22
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
2N3904 PHILIPS-2N3904_04 Datasheet
55Kb / 7P
   NPN switching transistor
2004 Oct 11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com