Electronic Components Datasheet Search |
|
SIP-4768-03-1001DC Datasheet(PDF) 2 Page - IRC - a TT electronics Company. |
|
SIP-4768-03-1001DC Datasheet(HTML) 2 Page - IRC - a TT electronics Company. |
2 / 4 page • 4222 South Staples Street • Corpus Christi Texas 78411 USA © IRC Advanced Film Division Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com Environmental Data Test Per MIL-PRF-83401 MIL-PRF-83401 ∆R Limits TaNFilm® Test Data ∆R M K H Max Typical Thermal Shock And Power Conditioning ±0.7% ±0.7% ±0.5% ±0.10% ±0.02% Low Temperature Operation ±0.5% ±0.25% ±0.1% ±0.05% ±0.02% Short-term Overload ±0.5% ±0.25% ±0.1% ±0.1% ±0.02% Terminal Strength ±0.25% ±0.25% ±0.1% ±0.1% ±0.02% Resistance To Solder Heat ±0.25% ±0.25% ±0.1% ±0.1% ±0.02% Moisture Resistance ±0.5% ±0.5% ±0.4% ±0.1% ±0.02% Shock ±0.25% ±0.25% ±0.25% ±0.1% ±0.02% Vibration ±0.25% ±0.25% ±0.25% ±0.1% ±0.02% Life ±2.0% ±0.5% ±0.5% ±0.1% ±0.02% High Temperature Exposure ±1.0% ±0.5% ±0.2% ±0.1% ±0.02% Low Temperature Storage ±0.5% ±0.25% ±0.1% ±0.1% ±0.02% 25°C Double Load ±2.0% ±0.5% ±0.5% ±0.05% ±0.02% Schematic Package Power (mW) Voltage Rating Temperature Range Substrate Lead Finish Noise 6-pin 8-pin 10-pin PxR not to exceed 100V -65°C to +125°C 99.6% Alumina Gold Plate (60/40 Sn/Pb available) <-30dB C, F (MIL and Commercial) 600 840 1080 G (MIL) 360 480 800 G (Commercial) 600 800 1000 √ _____ Package Specification Data Schematic Resistance Range Absolute Tolerance Element Power Size Characteristic C 100 - 100K B, F, G, J 120 6, 8, 10 M, H, K G 100 - 100K B, F, G, J 200 6, 8, 10 M, H, K MIL-PRF-83401 Qualification Data TaNFilm® Precision SIP Network Commercial and MIL Qualified 4700 Series Issue January 2009 Sheet 2 of 4 |
Similar Part No. - SIP-4768-03-1001DC |
|
Similar Description - SIP-4768-03-1001DC |