Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHT2907APT Datasheet(PDF) 3 Page - Chenmko Enterprise Co. Ltd.

Part # CHT2907APT
Description  PNP Switching Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHT2907APT Datasheet(HTML) 3 Page - Chenmko Enterprise Co. Ltd.

  CHT2907APT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHT2907APT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHT2907APT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. CHT2907APT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. CHT2907APT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd. CHT2907APT Datasheet HTML 6Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RATING CHARACTERISTIC CURVES ( CHT2907APT )
Collector-base capacitance CCB = f (VCB)
f = 1MHz
10
pF
10
10
V
C
CB
10
5
10
cb
5
5
5
-1
0
1
2
10
2
1
10
0
5
V
Total power dissipation Ptot = f (TS)
0
15
30
45
60
75
90
105 120 °C 150
TS
0
30
60
90
120
150
180
210
240
270
300
mW
360
Transition frequency fT = f (IC)
VCE = 5V
10
MHz
10
10
mA
f
C
10
5
10
T
5
5
5
Ι
0
1
2
3
10
3
2
10
1
5
Permissible pulse load
Ptotmax / PtotDC = f (tp)
10
-6
0
10
5
D =
5
10
1
5
10
2
3
10
10
-5
10
-4
10
-3
10
-2
10
0
s
0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
tot max
tot
P
DC
P
p
t
t p
=
D
T
t p
T


Similar Part No. - CHT2907APT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHT2907N1PT CHENMKO-CHT2907N1PT Datasheet
116Kb / 5P
   PNP Switching Transistor
CHT2907SPT CHENMKO-CHT2907SPT Datasheet
118Kb / 6P
   PNP Switching Transistor
CHT2907TPT CHENMKO-CHT2907TPT Datasheet
113Kb / 6P
   PNP Switching Transistor
CHT2907VPT CHENMKO-CHT2907VPT Datasheet
127Kb / 6P
   PNP Switching Transistor
CHT2907WPT CHENMKO-CHT2907WPT Datasheet
121Kb / 6P
   PNP Switching Transistor
More results

Similar Description - CHT2907APT

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
PN3640 FAIRCHILD-PN3640_01 Datasheet
454Kb / 10P
   PNP Switching Transistor
logo
NXP Semiconductors
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
   PNP switching transistor
1999 May 10
PMBT4403215 NXP-PMBT4403215 Datasheet
128Kb / 7P
   PNP switching transistor
2004 Jan 21
logo
Guangdong Kexin Industr...
PXT2907A KEXIN-PXT2907A Datasheet
59Kb / 2P
   PNP Switching Transistor
logo
Chenmko Enterprise Co. ...
CHT2907ZPT CHENMKO-CHT2907ZPT Datasheet
157Kb / 6P
   PNP Switching Transistor
logo
Guangdong Kexin Industr...
BSR18A KEXIN-BSR18A Datasheet
45Kb / 2P
   PNP Switching Transistor
logo
Fairchild Semiconductor
ST5771 FAIRCHILD-ST5771 Datasheet
26Kb / 2P
   PNP Switching Transistor
logo
NXP Semiconductors
PMSS3906 PHILIPS-PMSS3906 Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
PMST2907A PHILIPS-PMST2907A Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com