Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP-4769-03-1001JC Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # SIP-4769-03-1001JC
Description  TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

SIP-4769-03-1001JC Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  SIP-4769-03-1001JC Datasheet HTML 1Page - IRC - a TT electronics Company. SIP-4769-03-1001JC Datasheet HTML 2Page - IRC - a TT electronics Company. SIP-4769-03-1001JC Datasheet HTML 3Page - IRC - a TT electronics Company. SIP-4769-03-1001JC Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Inherent reliability
MIL-PRF-83401 qualified
Custom configuration available
Bonded leads not susceptible to solder reflow problems
Absolute tolerance to ±0.1% - ratio accuracy to ±0.01%
Absolute TCR to ±15ppm/°C - ratio accuracy to ±5ppm/°C
4700 Series
The IRC 4700 Series is the ultimate combination of precision
performance, reliability, and long term stability in a low profile,
TaNFilm® SIP package. Rugged welded lead construction combined with the inherent passivation
characteristics of tantalum nitride insure superior ongoing performance over the installed life of the part.
Visit our website to view a graphical demonstration of IRC’s TaNFilm reliability and performance features.
Schematic
Resistance
Range
(Ω)
Absolute
Tolerance
Ratio
Tolerance
Absolute TCR
(ppm/°C)
Tracking
TCR
(ppm/°C)
Element
Power
(mW)
C
Commercial
49.9 - 99.9
F, G, J
F, G
±50; ±100; ±300
±20
120
100 - 200
B, D, F, G, J
D, F, G
±25; ±50; ±100; ±300
±15
201 - 1.9K
B, D, F, G, J
B, D, F, G
±25; ±50; ±100; ±300
±10
2.0K - 200K
B, D, F, G, J
A, B, D, F, G
±15; ±25; ±50; ±100; ±300
±5
G
Commercial
20 - 49.9
F, G, J
F, G
±50; ±100; ±300
±20
200
50.0 - 199
D, F, G, J
B, D, F, G
±25; ±50; ±100; ±300
±5
200 - 999
B, D, F, G, J
A, B, D, F, G
±25; ±50; ±100; ±300
±5
1.0K - 100K
B, D, F, G, J
T, Q, A, B, D, F, G
±15; ±25; ±50; ±100; ±300
±5
101K - 400K
B, D, F, G, J
A, B, D, F, G
±15; ±25; ±50; ±100; ±300
±5
F
Commercial
49.9 - 99.9
F, G, J
F, G
±50; ±100; ±300
±20
120
100 - 199
F, G, J
D, F, G
±25; ±50; ±100; ±300
±10
200 - 999
B, D, F, G, J
B, D, F, G
±25; ±50; ±100; ±300
±5
1.0K - 200K
B, D, F, G, J
A, B, D, F, G
±15; ±25; ±50; ±100; ±300
±5
Consult factory for tighter tolerances and TCR. Custom circuits and special testing available.
Electrical Data
High purity
alumina substrate
Sputtered tantalum
nitride with passivation
oxide layer
Copper leads
electroplated
with gold over
nickel, hot
tinned leads
available
Lid and ceramic
substrate
totally filled
with an epoxy
adhesive
Thermal compression
bonded lead
terminations provide
exceptional reliability
TaNFilm® Precision SIP Network
Commercial and MIL Qualified
4700 Series Issue January 2009 Sheet 1 of 4


Similar Part No. - SIP-4769-03-1001JC

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
SIP-4769HT-01-1001FC IRCTT-SIP-4769HT-01-1001FC Datasheet
526Kb / 3P
   TaNFilm짰 High Temperature DIP and SIP Networks
SIP-4769HT-01-1001FD IRCTT-SIP-4769HT-01-1001FD Datasheet
526Kb / 3P
   TaNFilm짰 High Temperature DIP and SIP Networks
SIP-4769HT-01-1001FF IRCTT-SIP-4769HT-01-1001FF Datasheet
526Kb / 3P
   TaNFilm짰 High Temperature DIP and SIP Networks
SIP-4769HT-01-1001GC IRCTT-SIP-4769HT-01-1001GC Datasheet
526Kb / 3P
   TaNFilm짰 High Temperature DIP and SIP Networks
SIP-4769HT-01-1001GD IRCTT-SIP-4769HT-01-1001GD Datasheet
526Kb / 3P
   TaNFilm짰 High Temperature DIP and SIP Networks
More results

Similar Description - SIP-4769-03-1001JC

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
1900 IRCTT-1900 Datasheet
489Kb / 3P
   TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
M8340101M1001JA IRCTT-M8340101M1001JA Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
logo
TT Electronics.
4700 TTELEC-4700_17 Datasheet
515Kb / 4P
   Commercial and MIL Qualified
logo
IRC - a TT electronics ...
1900HT IRCTT-1900HT Datasheet
526Kb / 3P
   TaNFilm짰 High Temperature DIP and SIP Networks
logo
List of Unclassifed Man...
RN60D1000F ETC2-RN60D1000F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN55C1002F ETC2-RN55C1002F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN60D1002F ETC2-RN60D1002F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN55D1003F ETC2-RN55D1003F Datasheet
162Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
logo
IRC - a TT electronics ...
CCN IRCTT-CCN Datasheet
160Kb / 4P
   TaNFilm짰 Chip Carrier Resistor Network
RL07S1001G IRCTT-RL07S1001G Datasheet
152Kb / 3P
   Semi-Precision Mil-Qualified Metal Glaze Resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com