Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHT2222WPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CHT2222WPT
Description  NPN Switching Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHT2222WPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CHT2222WPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHT2222WPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHT2222WPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. CHT2222WPT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. CHT2222WPT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd. CHT2222WPT Datasheet HTML 6Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb = 25 °C unless otherwise speciÞed.
Note
1. Pulse test: tp ≤ 300 µs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
357
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = 60 V
10
nA
IEBO
IC = 0; VCB = 60 V; Tj = 125 OC
10
uA
emitter cut-off current
IC = 0; VEB = 5 V
10
nA
IC = 1.0 mA; VCE = 10V
IC = 10 mA; VCE = 10V
75
50
hFE
DC current gain
IC = 0.1 mA; VCE = 10V; note 1
35
IC = 10 mA; VCE = 10V;Tamb = -55
OC 35
IC = 150 mA; VCE = 10V
100
300
IC = 150 mA; VCE = 1.0V
50
IC = 500 mA; VCE = 10V
40
VCEsat
collector-emitter saturation
voltage
IC = 150 mA; IB = 15 mA
300
mV
IC = 500 mA; IB = 50 mA
1
V
VBEsat
base-emitter saturation voltage
IC = 150 mA; IB = 15 mA
0.6
1.2
V
IC = 500 mA; IB = 50 mA
2.0
V
Cc
collector capacitance
IE = ie = 0; VCB = 5 V; f = 1 MHz
8
Ce
emitter capacitance
IC = ic = 0; VBE = 500 mV;
f = 1 MHz
25
pF
pF
fT
transition frequency
IC = 20 mA; VCE = 20 V;
f = 100 MHz
300
MHz
F
noise figure
IC = 100 µA; VCE = 5 V; RS = 1 kΩ;
f = 1.0 kHz
4
dB
Switching times (between 10% and 90% levels);
ton
turn-on time
ICon = 150 mA; IBon = 15 mA;
IBoff = −15 mA
35
ns
td
delay time
15
ns
tr
rise time
20
ns
toff
turn-off time
250
ns
ts
storage time
200
ns
tf
fall time
60
ns
RATING CHARACTERISTIC CURVES ( CHT2222WPT )


Similar Part No. - CHT2222WPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHT2222APT CHENMKO-CHT2222APT Datasheet
137Kb / 6P
   NPN Switching Transistor
CHT2222N1PT CHENMKO-CHT2222N1PT Datasheet
117Kb / 4P
   NPN Switching Transistor
CHT2222SPT CHENMKO-CHT2222SPT Datasheet
191Kb / 6P
   NPN Switching Transistor
CHT2222TPT CHENMKO-CHT2222TPT Datasheet
134Kb / 6P
   NPN Switching Transistor
CHT2222VPT CHENMKO-CHT2222VPT Datasheet
146Kb / 6P
   NPN Switching Transistor
More results

Similar Description - CHT2222WPT

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
   NPN Switching Transistor
logo
NXP Semiconductors
2N3904 PHILIPS-2N3904 Datasheet
45Kb / 8P
   NPN switching transistor
1999 Apr 23
BFX85 PHILIPS-BFX85 Datasheet
56Kb / 8P
   NPN switching transistor
1997 Apr 22
PMBT4401 PHILIPS-PMBT4401 Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 15
PMST3904 PHILIPS-PMST3904 Datasheet
47Kb / 8P
   NPN switching transistor
1999 Apr 22
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
2N3904 PHILIPS-2N3904_04 Datasheet
55Kb / 7P
   NPN switching transistor
2004 Oct 11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com