Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS-527R0HLF Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # AS-527R0HLF
Description  Semi-Precision Power Wirewound Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

AS-527R0HLF Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  AS-527R0HLF Datasheet HTML 1Page - IRC - a TT electronics Company. AS-527R0HLF Datasheet HTML 2Page - IRC - a TT electronics Company. AS-527R0HLF Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
AS Series
1/4 watt to 10 watts
0.1 ohm to 175K ohms
±5%, ±3%, ±1%, ±.5% tolerance
Resistance wire TCR ±20 ppm/°C
RoHS-compliant version available
Alloy resistance wirewound
to specific parameters
including TCR’s from
All welded
cap and lead
Heat conducting
ceramic
Silicone
conformal coating
Alpha-
Digital
Marking
Semi-Precision Power
Wirewound Resistor
Electrical Data
IRC Type
Similar
MIL-R-26
Style
Power Rating 275°C
Max. Hot Spot
Commercial Range
(ohms)
Non-Inductive
Range
(ohms)
Available Resistance
(ohms)
125°C
25°C
Min.
Max.
Min.
Max.
0.5%, 1%
3%, 5%
AS-1/4
RW81
0.5
1
0.1
1.0K
*
*
1-1K
0.1-1K
AS-1/2
0.5
1
0.1
6.0K
*
*
1-6K
0.1-6K
AS-1
RW70U
1
2
0.1
7.5K
0.1
3.8K
1-7.5K
0.1-7.5K
AS-1C
1
2
.05
2K
*
*
1-2K
.05-2K
AS-2
RW79U
2
3
0.1
20K
0.5
10K
1-20K
0.1-20K
AS-2B
3
4
0.1
24K
0.5
12K
1-24K
0.1-24K
AS-2C
2
3
0.1
18K
0.2
7.5K
1-18K
0.1-18K
AS-3
3
5
0.1
30K
0.5
15K
1-30K
0.1-30K
AS-5
RW74U/
5
7
0.1
60K
0.8
30K
1-60K
0.1-60K
AS-7
7
9
0.1
90K
1.0
45K
1-90K
0.1-90K
AS-10
RW78U
10
14
0.1
175K
3.0
50K
1-175K
0.1-175K
Inductance of AS-1/2 is less than 1µH at 1MHz.
To order non-inductive types, add the prefix "N". Example: NAS-1, NAS-2C, etc.
*Typical inductance of AS-1C <5 ohms is <1µH.
Lower values available upon request.
AS Series Issue August 2008 Sheet 1 of 3


Similar Part No. - AS-527R0HLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS-5 ETC1-AS-5 Datasheet
103Kb / 2P
   SEMI-PRECISION POWER WIREWOUND RESISTOR
logo
Welwyn Components Limit...
AS-5 WELWYN-AS-5 Datasheet
435Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
Raltron Electronics Cor...
AS-5.000-10-3OT-EXT-4PD RALTRON-AS-5.000-10-3OT-EXT-4PD Datasheet
143Kb / 2P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
AS-5.000-10-F-EXT-2PD-TR RALTRON-AS-5.000-10-F-EXT-2PD-TR Datasheet
143Kb / 2P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
AS-5.000-10-F-EXT-4PD RALTRON-AS-5.000-10-F-EXT-4PD Datasheet
143Kb / 2P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
More results

Similar Description - AS-527R0HLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS-327R0 ETC1-AS-327R0 Datasheet
103Kb / 2P
   SEMI-PRECISION POWER WIREWOUND RESISTOR
logo
Welwyn Components Limit...
AS-1 WELWYN-AS-1 Datasheet
435Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
TT Electronics.
AS3-27KFI TTELEC-AS3-27KFI Datasheet
642Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
IRC - a TT electronics ...
LAS-32001JLF IRCTT-LAS-32001JLF Datasheet
218Kb / 3P
   Low Cost Semi-Precision Power Wirewound Resistor
PPW1015R0HLF IRCTT-PPW1015R0HLF Datasheet
611Kb / 3P
   Semi-Precision Power Wirewound Resistor for Pulse & Surge Applications
logo
Welwyn Components Limit...
PPW WELWYN-PPW Datasheet
136Kb / 2P
   Semi-Precision Power Wirewound Resistors
logo
IRC - a TT electronics ...
T-2B79U49R9 IRCTT-T-2B79U49R9 Datasheet
157Kb / 2P
   COMMERCIAL STYLES SEMI-PRECISION POWER WIREWOUND
T1801000F IRCTT-T1801000F Datasheet
198Kb / 4P
   Commercial Styles Semi-Precision Power Wirewound Resistors
logo
Bourns Electronic Solut...
W3M22R0J BOURNS-W3M22R0J Datasheet
422Kb / 3P
   Wirewound Power Resistor
logo
List of Unclassifed Man...
WW3JT330R ETC2-WW3JT330R Datasheet
92Kb / 3P
   General Purpose and Precision Wirewound Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com