Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHT817PT Datasheet(PDF) 4 Page - Chenmko Enterprise Co. Ltd.

Part # CHT817PT
Description  NPN Muti-Chip General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHT817PT Datasheet(HTML) 4 Page - Chenmko Enterprise Co. Ltd.

  CHT817PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHT817PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHT817PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. CHT817PT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATING CHARACTERISTIC CURVES ( CHT817PT )
Collector-emitter saturation voltage
IC = f (VCEsat), hFE = 10
0
10
CEsat
V
0.4
V
0.8
-1
100
101
3
10
5
5
Ι
C
mA
5
2
10
0.2
0.6
oC
-50
25
oC
150
oC
Base-emitter saturation voltage
IC = f (VBEsat), hFE = 10
0
10
BEsat
V
2.0
V
4.0
-1
100
101
3
10
5
5
Ι
C
mA
5
2
10
1.0
3.0
oC
-50
25
oC
oC
150
Transition frequency fT = f (IC)
VCE = 5V
10
0
3
10
mA
1
10
3
10
5
5
10
1
10
2
10
2
C
T
f
MHz
Ι
DC current gain hFE = f (IC)
VCE = 5V
10
-1
3
10
mA
0
10
3
10
5
5
10
0
10
1
10
1
C
FE
h
Ι
2
10
2
10
oC
100
5
25
oC
-50
oC


Similar Part No. - CHT817PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHT817N1PT CHENMKO-CHT817N1PT Datasheet
118Kb / 4P
   NPN Muti-Chip General Purpose Amplifier
CHT817WPT CHENMKO-CHT817WPT Datasheet
108Kb / 4P
   NPN Muti-Chip General Purpose Amplifier
More results

Similar Description - CHT817PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CH847SPT CHENMKO-CH847SPT Datasheet
114Kb / 4P
   NPN Muti-Chip General Purpose Amplifier
CHT817WPT CHENMKO-CHT817WPT Datasheet
108Kb / 4P
   NPN Muti-Chip General Purpose Amplifier
CH837SPT CHENMKO-CH837SPT Datasheet
115Kb / 4P
   NPN Muti-Chip General Purpose Amplifier
CHT817N1PT CHENMKO-CHT817N1PT Datasheet
118Kb / 4P
   NPN Muti-Chip General Purpose Amplifier
CHT857BPT CHENMKO-CHT857BPT Datasheet
127Kb / 4P
   PNP Muti-Chip General Purpose Amplifier
CHT856BPT CHENMKO-CHT856BPT Datasheet
127Kb / 4P
   PNP Muti-Chip General Purpose Amplifier
CHT857BWPT CHENMKO-CHT857BWPT Datasheet
128Kb / 4P
   PNP Muti-Chip General Purpose Amplifier
CHT856BWPT CHENMKO-CHT856BWPT Datasheet
127Kb / 4P
   PNP Muti-Chip General Purpose Amplifier
CHT807PT CHENMKO-CHT807PT Datasheet
117Kb / 4P
   PNP Muti-Chip General Purpose Amplifier
CHT857BTPT CHENMKO-CHT857BTPT Datasheet
125Kb / 4P
   PNP Muti-Chip General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com