Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHPZ6V0PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CHPZ6V0PT
Description  SILICON PLANAR POWER ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHPZ6V0PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CHPZ6V0PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHPZ6V0PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHPZ6V0PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS ( CHPZ3V6PT THRU CHPZ33VPT )
Test
Maximum Zener impedance
Maximum
Type
Max
Nom
Min
Volts
Volts
Volts
Maximum
Zener voltage
current
reverse leakage current temperature
coefficient
regulator
VZ (V) @ IZT
current
ZZT
at
at
at
at IZT
ZZK
IZK
IR
at VR
TA= 25
oC
TA= 50
oC
IZT (mA)
( )
( )
(mA)
(uA)
(V)
VZ
(%/
oC)
IZM (mA)
TYPE
45
43
40
38
35
32
30
28
25
23
21
19
18
16
15
13
12
11.5
11
10
9.6
9.2
8.7
8.3
7.6
7.0
6.6
6.2
5.9
5.6
5.0
-0.06
-0.06
-0.05
+0.03
+0.02
+0.03
+0.04
+0.04
+0.05
+0.05
+0.06
+0.06
+0.06
+0.07
+0.07
+0.07
+0.08
+0.08
+0.08
+0.08
+0.08
+0.08
+0.08
+0.08
+0.09
+0.09
+0.09
+0.09
+0.09
+0.09
+0.09
1.0
1.0
1.0
2.0
2.0
2.0
3.5
4.0
4.0
5.0
5.0
6.0
6.0
7.0
8.0
8.0
8.0
9.8
10.5
11.2
11.9
12.6
13.3
14.0
15.4
16.8
17.5
18.9
19.6
21.0
23.1
2.0
2.0
1.0
3.0
2.0
1.0
3.0
3.0
2.0
1.0
0.7
0.5
0.2
0.1
0.1
0.1
0.1
0.1
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
0.5
0.5
0.5
0.5
600
600
600
500
400
400
150
150
80
80
80
100
100
150
150
150
170
190
200
200
215
225
225
225
250
250
275
300
300
300
325
95
90
90
80
60
40
20
10
15
15
15
15
15
20
20
25
30
30
30
40
40
45
45
55
55
70
70
80
80
80
80
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
2.0
2.0
2.0
2.0
3.4
3.7
4.0
4.4
4.8
5.2
5.6
5.8
6.4
7.1
7.7
8.2
8.6
9.4
10.4
11.4
12.4
13.3
14.2
15.2
16.1
17.1
18.0
19.0
20.9
22.8
23.7
25.1
27.1
28.0
31.0
3.6
3.9
4.3
4.7
5.1
5.6
6.0
6.2
6.8
7.5
8.2
8.7
9.1
10
11
12
13
14
15
16
17
18
19
20
22
24
25
27
28
30
33
3.8
4.1
4.6
5.0
5.4
6.0
6.4
6.6
7.2
7.9
8.7
9.2
9.6
10.6
11.6
12.7
14.1
14.7
15.8
16.8
17.9
18.9
20.0
21.0
23.1
25.2
26.3
28.9
29.9
32.0
35.0
CHPZ3V6PT
CHPZ3V9PT
CHPZ4V3PT
CHPZ4V7PT
CHPZ5V1PT
CHPZ5V6PT
CHPZ6V2PT
CHPZ6V8PT
CHPZ7V5PT
CHPZ8V2PT
CHPZ8V7PT
CHPZ9V1PT
CHPZ10VPT
CHPZ11VPT
CHPZ12VPT
CHPZ13VPT
CHPZ14VPT
CHPZ15VPT
CHPZ16VPT
CHPZ17VPT
CHPZ18VPT
CHPZ19VPT
CHPZ20VPT
CHPZ22VPT
CHPZ24VPT
CHPZ25VPT
CHPZ27VPT
CHPZ28VPT
CHPZ30VPT
CHPZ33VPT
CHPZ6V0PT


Similar Part No. - CHPZ6V0PT

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CHP WELWYN-CHP Datasheet
74Kb / 2P
   Metal Glaze??General Purpose Surface Mount Power Resistors
logo
IRC - a TT electronics ...
CHP IRCTT-CHP Datasheet
151Kb / 3P
   Metal Glaze??Cylindrical Surface Mount Power Resistors
logo
Vishay Siliconix
CHP VISHAY-CHP Datasheet
178Kb / 9P
   High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
Revision: 19-May-14
logo
Copal Electronics
CHP COPAL-CHP Datasheet
960Kb / 6P
   PIANO SWITCHES (HALF PITCH)
logo
TT Electronics.
CHP TTELEC-CHP Datasheet
456Kb / 4P
   Cylindrical High Power
More results

Similar Description - CHPZ6V0PT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com