Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHT122ZPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CHT122ZPT
Description  NPN SILICON Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHT122ZPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CHT122ZPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHT122ZPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHARACTERISTICS
Tamb =25 °C unless otherwise speciÞed.
RATING CHARACTERISTIC CURVES ( CHT122ZPT )
= 3V
IC =-3.0A; VCE=3.0V
IC =-5.0A; IB = 20 mA
SYMBOL
V
PARAMETER
2.5
CONDITIONS
MIN.
MAX.
UNIT
ICEO
collector cut-off current
VCE = 50 V
500
uA
IC = 3.0A; VCE = 3V
1000
hFE
DC current gain
IC = 500 mA; V CE
1000
CEsat
IEBO
collector-emitter satur
emitter cut-off current
ation
V
v
VEB=5.0V
oltage
I
2.0
C
mA
= 3.0 A; IB =12m A
2.0
4.0
V
VBEON
base-emitter saturation voltage
Cob
collector capacitance
IE = ie = 0; VCB = 1 0 V; f=1 MHz
200
pF
fT
transition frequency
IC = 3.0A; VCE = 4 V;
f = 1.0 MHz
4.0
MHz
V
ICBO
collector cut-off current
VCB = 100 V
200
uA


Similar Part No. - CHT122ZPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHT127ZPT CHENMKO-CHT127ZPT Datasheet
156Kb / 2P
   PNP SILICON Transistor
logo
Kemet Corporation
CHT12C103J3GAFT050 KEMET-CHT12C103J3GAFT050 Datasheet
260Kb / 1P
   C0G HT 260C, Ceramic, 0.01 uF, 5%, 25 VDC, C0G, SMD, MLCC, High Temperature, 260C, 1206
2022
CHT12C272J1GAFT050 KEMET-CHT12C272J1GAFT050 Datasheet
630Kb / 16P
   CHT High Temperature 260°C, C0G Dielectric, 10 –100 VDC (Industrial Grade)
2022
More results

Similar Description - CHT122ZPT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com