Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHT55PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CHT55PT
Description  PNP General Purpose Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHT55PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CHT55PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHT55PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( CHT55PT )
1.
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb = 25 °C unless otherwise speciÞed.
Note
1. Pulse test: tp ≤ 300 µs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
357
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = -60 V
-0.1
uA
IEBO
emitter cut-off current
IC = 0; VEB = -4 V
-0.1
uA
hFE
DC current gain
VCE = -1.0 V; note 1
IC = -10 mA
100
IC = -100 mA
100
VCEsat
collector-emitter saturation
voltage
IC = -100 mA; IB =-10 mA
-0.25
V
VBEsat
base-emitter saturation voltage
IC = -100 mA; VCE = -1.0 V
-1.2
V
Ccb
collector-base capacitance
IE = ie = 0; VCB =-20V ; f = 1 MHz
3
pF
fT
transition frequency
IC = 100 mA; VCE =-1.0 V ;
f = 100 MHz
50
MHz


Similar Part No. - CHT55PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHT5551PT CHENMKO-CHT5551PT Datasheet
136Kb / 3P
   NPN SILICON Transistor
CHT5551SPT CHENMKO-CHT5551SPT Datasheet
146Kb / 2P
   NPN SILICON Transistor
CHT5551WPT CHENMKO-CHT5551WPT Datasheet
97Kb / 2P
   NPN SILICON Transistor
CHT5551ZPT CHENMKO-CHT5551ZPT Datasheet
144Kb / 2P
   NPN SILICON Transistor
CHT5564XPT CHENMKO-CHT5564XPT Datasheet
95Kb / 2P
   NPN Epitaxial Transistor
More results

Similar Description - CHT55PT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com