Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GUS-QS20VLF-330-M-470-K Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # GUS-QS20VLF-330-M-470-K
Description  TaNCap짰 AC Line Termination Network
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

GUS-QS20VLF-330-M-470-K Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  GUS-QS20VLF-330-M-470-K Datasheet HTML 1Page - IRC - a TT electronics Company. GUS-QS20VLF-330-M-470-K Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Physical Data
Model
Body Type
# Pins
Reference IRC Datasheet
QS20x
QSOP
20
Surface Mount QSOP Termination Networks
SL20x
SOIC-W
20
Surface Mount SOIC Termination Networks
TS20x
TSSOP
20
Surface Mount TSSOP Termination Networks
Sample Part Number
GUS - QS20V - 330 - K - 470 - M
Family
Model
QS20P, QS20PLF = 16 circuit QSOP Package
QS20V, QS20VLF = 18 circuit QSOP Package
SL20P, SL20PLF = 16 circuit SOIC-W Package
SL20V, SL20VLF = 18 circuit SOIC-W Package
TS20P, TS20PLF = 16 circuit TSSOP Package
TS20V, TS20VLF = 18 circuit TSSOP Package
Note: LF suffix indicates 100% matte tin, Pb-free termination
Resistor Code
3 digit resistor code
Example: 330 = 33
Ω, 101 = 100Ω
Resistor Tolerance
K = ±10%, M = ±20%
Capacitor Code
3 digit capacitance code
Example: 470 = 47pF, 101 = 100pF
Capacitor Tolerance
K = ±10%, M = ±20%
Packaging Available
Tubes, Tape & Reel
Ordering Data
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.
TaNCap® AC Line
Termination Network
AC Terminator Series Issue January 2009 Sheet 2 of 2


Similar Part No. - GUS-QS20VLF-330-M-470-K

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
GUS-QS20R-330-K-470-M IRCTT-GUS-QS20R-330-K-470-M Datasheet
188Kb / 2P
   TaNCap Tapped Filter Network
GUS-QS20R-330-M-470-M IRCTT-GUS-QS20R-330-M-470-M Datasheet
188Kb / 2P
   TaNCap Tapped Filter Network
GUS-QS20RLF-330-K-470-M IRCTT-GUS-QS20RLF-330-K-470-M Datasheet
188Kb / 2P
   TaNCap Tapped Filter Network
GUS-QS20RLF-330-M-470-M IRCTT-GUS-QS20RLF-330-M-470-M Datasheet
188Kb / 2P
   TaNCap Tapped Filter Network
GUS-QS20T-330-K-470-K IRCTT-GUS-QS20T-330-K-470-K Datasheet
184Kb / 2P
   TaNCap T-Filter Network
More results

Similar Description - GUS-QS20VLF-330-M-470-K

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PRC202 CALMIRCO-PRC202 Datasheet
37Kb / 2P
   AC TERMINATION NETWORK
PACAC CALMIRCO-PACAC Datasheet
125Kb / 2P
   P/ACTIVE AC TERMINATION NETWORK
logo
IRC - a TT electronics ...
DNR-QDN001 IRCTT-DNR-QDN001 Datasheet
382Kb / 2P
   Schottky Diode Termination Network
logo
California Micro Device...
PRN100 CALMIRCO-PRN100 Datasheet
126Kb / 4P
   Isolated Resistor Termination Network
PRN102 CALMIRCO-PRN102 Datasheet
43Kb / 2P
   DUAL THEVENIN TERMINATION NETWORK
PACR4G CALMIRCO-PACR4G Datasheet
87Kb / 3P
   HIGH PERFORMANCE BUS TERMINATION NETWORK
PACVGA-100 CALMIRCO-PACVGA-100 Datasheet
233Kb / 2P
   VGA PROTECTION AND TERMINATION NETWORK
logo
STMicroelectronics
RCD16-47B STMICROELECTRONICS-RCD16-47B Datasheet
66Kb / 7P
   RCD NETWORK FOR BUS TERMINATION
October 1998 - Ed : 2A
logo
IRC - a TT electronics ...
CHC-SCSI IRCTT-CHC-SCSI Datasheet
378Kb / 1P
   SCSI LVD Chipscale Termination Network
logo
Yamar Electronics Ltd.
SIG60 YAMAR-SIG60_V01 Datasheet
1Mb / 17P
   UART over Power line for AC/DC Multiplex Network
R107
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com