Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B-5 Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # B-5
Description  Beryllia Core, Silicone Coated Power Resistors MIL-R-26 (RW) & Commercial Industrial Styles
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

B-5 Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  B-5 Datasheet HTML 1Page - IRC - a TT electronics Company. B-5 Datasheet HTML 2Page - IRC - a TT electronics Company. B-5 Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Power Derating Curve
120
100
80
60
40
20
0
25
75
125
175
225
275
Ambient Temperature (°C)
350
Char. V
Char. U
Beryllia Core, Silicone Coated
Power Resistors MIL-R-26 (RW)
& Commercial Industrial Styles
Derating
B Series Issue September 2008 Sheet 3 of 3
Ambient Temperature: Operating temperature range of -55°C to +350°C.
Higher temperatures require derating as illustrated.
Stability: Resistance chance is 1/2 or less than that of conventional power resistors when operated at the
same wattage.
Characteristic U
1. 275°C maximum hotspot temperature.
2. 5% maximum
∆R for 2000 hour load life.
Characteristic U:
1. 350°C maximum hotspot temperature.
2. 3% maximum
∆R for 2000 hour load life.


Similar Part No. - B-5

ManufacturerPart #DatasheetDescription
logo
NEC
B-5 NEC-B-5 Datasheet
2Mb / 45P
   DC Line Fileters
logo
Kemet Corporation
B-5 KEMET-B-5 Datasheet
55Kb / 1P
   KEMET, BEAD W, DC Line Filters, Normal Mode
logo
Bud Industries, Inc.
B-52 BUD-B-52 Datasheet
78Kb / 1P
   BLOWER
B-54 BUD-B-54 Datasheet
78Kb / 1P
   BLOWER
logo
List of Unclassifed Man...
B-5750 ETC-B-5750 Datasheet
2Mb / 4P
   MUNERICAL INDICATOR TUBE
More results

Similar Description - B-5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RS01M VISHAY-RS01M Datasheet
286Kb / 3P
   Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Revision 22-Mar-06
G-1-80 VISHAY-G-1-80 Datasheet
192Kb / 3P
   Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Revision: 22-Mar-06
logo
Riedon Powertron
UTL-1 RIEDON-UTL-1 Datasheet
86Kb / 1P
   Silicone Coated Power Resistors
logo
Willow Technologies Ltd
UT-1 WILLOW-UT-1 Datasheet
408Kb / 2P
   Silicone Coated Power Resistors
logo
Riedon Powertron
UB-1 RIEDON-UB-1 Datasheet
273Kb / 2P
   Silicone Coated Power Resistors
logo
Vishay Siliconix
CMS VISHAY-CMS Datasheet
123Kb / 4P
   Wirewound Resistors, Commercial Power, Silicone Coated, Capacitor Mount
13-Jun-16
ALSR VISHAY-ALSR Datasheet
92Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 18-Feb-16
CW02B10R00JE7013 VISHAY-CW02B10R00JE7013 Datasheet
172Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 01-Feb-12
CW02C250R0JS70 VISHAY-CW02C250R0JS70 Datasheet
172Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 01-Feb-12
ALSR0118R00FE12 VISHAY-ALSR0118R00FE12 Datasheet
79Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 24-Feb-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com