Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHM9926AJPT Datasheet(PDF) 3 Page - Chenmko Enterprise Co. Ltd.

Part # CHM9926AJPT
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHM9926AJPT Datasheet(HTML) 3 Page - Chenmko Enterprise Co. Ltd.

  CHM9926AJPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHM9926AJPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHM9926AJPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATING CHARACTERISTIC CURVES ( CHM9926AJPT )
Typical Electrical Characteristics
0
1 .0
2 .0
0
2
4
10
3 .0
6
8
V
, DRAIN-TO-SOURCE VOLTAGE (V)
DS
Figure 1. Output Characteristics
VGS=4.5,3.5,2.5V
VGS=1.5V
10
0
0
2
4
VGS , GATE-TO-SOURCE VOLTAGE (V)
Figure 2. Transfer Characteristics
J
=25°C
T
J
=125°C
T
J
=-55°C
T
0.5
1 .0
2.5
6
8
0
1
2
3
4
5
0
1
2
3
4
Qg , TOTAL GATE CHARGE (nC)
Figure 3. Gate Charge
I D = 6 A
V DS = 10 V
2.2
0.7
-100
1.0
1.6
T , JUNCTION T EMPERATURE (°C)
J
0.4
1.3
1.9
Figure 4. On-Resistance Variation with
Temperature
I D = 6 A
V GS = 4.5 V
-50
0
50
100
150
200
Temperature
1.3
0.7
-50
-25
0
25
50
75
100
125
150
0.9
1.1
T , JUNCTION T EMPERATURE (°C)
J
0.6
0.8
1.0
1.2
Figure 5. Gate Threshold Variation with
I D =250uA
V DS =V GS
3 .0
1.5
2 .0
VGS=2.0V
5


Similar Part No. - CHM9926AJPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHM9926PAPT CHENMKO-CHM9926PAPT Datasheet
202Kb / 2P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - CHM9926AJPT

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM8206 CET-CEM8206 Datasheet
61Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM11M2 CET-CEM11M2 Datasheet
1,005Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4800A AOSMD-AO4800A Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4818 AOSMD-AO4818 Datasheet
204Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4822 AOSMD-AO4822 Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com