Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHM9433JPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # CHM9433JPT
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHM9433JPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  CHM9433JPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHM9433JPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHM9433JPT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
P-Channel Enhancement Mode Field Effect Transistor
VOLTAGE 20 Volts
CURRENT 5.4 Ampere
APPLICATION
FEATURE
* Super high dense cell design for extremely low RDS(ON).
CONSTRUCTION
* P-Channel Enhancement
* Servo motor control.
* Power MOSFET gate drivers.
* Other switching applications.
2006-02
* High power and current handing capability.
* Lead free product is acquired.
CIRCUIT
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
CHM9433JPT
Units
VDSS
Drain-Source Voltage
-20
V
VGSS
Gate-Source Voltage
±12
V
ID
Maximum Drain Current - Continuous
A
- Pulsed
PD
Maximum Power Dissipation
2500
mW
TSTG
Storage Temperature Range
-55 to 150
°C
Thermal characteristics
R
θJA
Thermal Resistance, Junction-to-Ambient
50
-5.4
°C/W
(Note 3)
Note : 1. Surface Mounted on FR4 Board , t <=10sec
2. Pulse Test , Pulse width <= 300us , Duty Cycle <= 2%
-20
Dimensions in millimeters
SO-8
* Small flat package. (SO-8 )
TJ
Operating Temperature Range
-55 to 150
°C
3. Repetitive Rating , Pulse width linited by maximum junction temperature
(Note 1)
4. Guaranteed by design , not subject to production trsting
SO-8
1
4
8
5
1.27 (0.05)BSC
.51 (0.020)
.10 (0.012)
.25 (0.010)
.17 (0.007)
4.06 (0.160)
3.70 (0.146)
5.00 (0.197)
4.69 (0.185)
1.75 (0.069)
1.35 (0.053)
6.20 (0.244)
5.80 (0.228)
.25 (0.010)
.05 (0.002)
1
4
5
8
S
S
S
G
D
D
D
D


Similar Part No. - CHM9433JPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHM9435AJPT CHENMKO-CHM9435AJPT Datasheet
325Kb / 3P
   P-Channel Enhancement Mode Field Effect Transistor
CHM9435AZPT CHENMKO-CHM9435AZPT Datasheet
331Kb / 3P
   P-Channel Enhancement Mode Field Effect Transistor
CHM9436AJPT CHENMKO-CHM9436AJPT Datasheet
321Kb / 3P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - CHM9433JPT

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com