Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHM8968JPT Datasheet(PDF) 4 Page - Chenmko Enterprise Co. Ltd.

Part # CHM8968JPT
Description  Dual Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHM8968JPT Datasheet(HTML) 4 Page - Chenmko Enterprise Co. Ltd.

  CHM8968JPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHM8968JPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHM8968JPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. CHM8968JPT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. CHM8968JPT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RATING CHARACTERISTIC CURVES ( CHM8968JPT )
N-Channel Typical Electrical Characteristics
0
0.5
1 .0
0
4
8
20
2 .0
12
16
V
, DRAIN-TO-SOURCE VOLTAGE (V)
DS
Figure 1. Output Characteristics
10
0
0
2
4
VGS , GATE-TO-SOURCE VOLTAGE (V)
Figure 2. Transfer Characteristics
J
=25°C
T
J
=125°C
T
J
=-55°C
T
1 .0
2. 0
3.0
4.0
5 .0
6.0
6
8
10
0
2.5
5
7.5
10
12.5
0
2
4
6
8
Qg , TOTAL GATE CHARGE (nC)
Figure 3. Gate Charge
2.2
0.7
-100
1.0
1.6
T , JUNCTION T EMPERATURE (°C)
J
0.4
1.3
1.9
Figure 4. On-Resistance Variation with
Temperature
I D =10A
V GS = 7 V
-50
0
50
100
150
200
Temperature
1.3
0.7
-50
-25
0
25
50
75
100
125
150
0.9
1.1
T , JUNCTION T EMPERATURE (°C)
J
0.6
0.8
1.0
1.2
Figure 5. Gate Threshold Variation with
I D =250uA
V DS =V GS
I D = 5.8 A
V DS =15V
1.5
VGS=3.0V
VGS=
VGS=3.5V
10 ,6,4.5,4 V


Similar Part No. - CHM8968JPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHM8912JPT CHENMKO-CHM8912JPT Datasheet
200Kb / 2P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CHM8933AJPT CHENMKO-CHM8933AJPT Datasheet
204Kb / 2P
   Dual P-Channel Enhancement Mode Field Effect Transistor
CHM8938JPT CHENMKO-CHM8938JPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM8958JPT CHENMKO-CHM8958JPT Datasheet
551Kb / 5P
   Dual Enhancement Mode Field Effect Transistor
More results

Similar Description - CHM8968JPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHM4600JPT CHENMKO-CHM4600JPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM8938JPT CHENMKO-CHM8938JPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEH2609 CET-CEH2609 Datasheet
572Kb / 7P
   Dual Enhancement Mode Field Effect Transistor
CEM3109 CET-CEM3109 Datasheet
620Kb / 7P
   Dual Enhancement Mode Field Effect Transistor
CEM8958A CET-CEM8958A Datasheet
427Kb / 7P
   Dual Enhancement Mode Field Effect Transistor
logo
Chenmko Enterprise Co. ...
CHM8401JPT CHENMKO-CHM8401JPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM8958JPT CHENMKO-CHM8958JPT Datasheet
551Kb / 5P
   Dual Enhancement Mode Field Effect Transistor
CHM9939AJPT CHENMKO-CHM9939AJPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM11C2JPT CHENMKO-CHM11C2JPT Datasheet
321Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM4532JPT CHENMKO-CHM4532JPT Datasheet
319Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
CHM4559JPT CHENMKO-CHM4559JPT Datasheet
320Kb / 3P
   Dual Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com