Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHM6336JPT Datasheet(PDF) 3 Page - Chenmko Enterprise Co. Ltd.

Part # CHM6336JPT
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHM6336JPT Datasheet(HTML) 3 Page - Chenmko Enterprise Co. Ltd.

  CHM6336JPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHM6336JPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHM6336JPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATING CHARACTERISTIC CURVES ( CHM6336JPT )
Typical Electrical Characteristics
0
0.5
1.0
1.5
2.0
0
4
8
20
2.5
12
16
V
, DRAIN-TO-SOURCE VOLTAGE (V)
DS
Figure 1. Output Characteristics
VGS=10,8,6,3V
10
0
0
2
4
VGS , GATE-TO-SOURCE VOLTAGE (V)
Figure 2. Transfer Characteristics
J
=25°C
T
J
=125°C
T
J
=-55°C
T
1.0
2.0
5.0
6
8
10
0
4
8
12
16
20
24
0
2
4
6
8
Qg , TOTAL GATE CHARGE (nC)
Figure 3. Gate Charge
I D = 5.8 A
V DS = 30 V
2.2
0.7
-100
1.0
1.6
T , JUNCTION T EMPERATURE (°C)
J
0.4
1.3
1.9
Figure 4. On-Resistance Variation with
Temperature
I D = 5.8 A
V GS =10V
-50
0
50
100
150
200
Temperature
1.3
0.7
-50
-25
0
25
50
75
100
125
150
0.9
1.1
T , JUNCTION T EMPERATURE (°C)
J
0.6
0.8
1.0
1.2
Figure 5. Gate Threshold Variation with
I D =250uA
V DS =V GS
3.0
4.0


Similar Part No. - CHM6336JPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHM6338JPT CHENMKO-CHM6338JPT Datasheet
287Kb / 2P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - CHM6336JPT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com