Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TLV5633C Datasheet(PDF) 3 Page - Texas Instruments

Part No. TLV5633C
Description  2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 3 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
TLV5633C
TLV5633I
SLAS190C – MARCH 1999 – REVISED SEPTEMBER 2006
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
Supply voltage (DVDD, AVDD to AGND)
7 V
Supply voltage difference range, AVDD - DVDD
-2.8 V to 2.8 V
Reference input voltage range
-0.3 V to VDD + 0.3 V
Digital input voltage range
-0.3 V to VDD + 0.3 V
TLV5633C
0°C to 70°C
Operating free-air temperature range, TA
TLV5633I
-40°C to 85°C
Storage temperature range, Tstg
-65°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
5-V operation
4.5
5
5.5
V
Supply voltage, DVDD, AVDD
3-V operation
2.7
3
3.3
V
Supply voltage difference,
∆ V
DD = AVDD - DVDD
0
0
0
V
Power on reset voltage, POR
0.55
2
V
DVDD = 2.7 V
2
High-level digital input voltage, VIH
V
DVDD = 5.5 V
2.4
DVDD = 2.7 V
0.6
Low-level digital input voltage, VIL
V
DVDD = 5.5 V
1
Reference voltage, Vref to REF terminal (5-V supply) (1)
AGND
2.048
AVDD-1.5
V
Reference voltage, Vref to REF terminal (3-V supply) (1)
AGND
1.024
AVDD-1.5
V
Load resistance, RL
2
k
Load capacitance, CL
100
pF
TLV5633C
0
70
Operating free-air temperature, TA
°C
TLV5633I
-40
85
(1)
Due to the x2 output buffer, a reference input voltage
≥ AV
DD/2 causes clipping of the transfer function. The output buffer of the internal
reference must be disabled, if an external reference is used.
3
Submit Documentation Feedback




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADS850716-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE 1 2 3 4 5 MoreTexas Instruments
ADS8329LOW POWER 16-BIT 1-MHz SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE 1 2 3 4 5 MoreTexas Instruments
DAC122S08512-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output 1 2 3 4 5 MoreNational Semiconductor (TI)
AD56784 × 12-Bit and 4 × 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP 1 2 3 4 5 MoreAnalog Devices
NCP348Positive Overvoltage Protection Controller with Internal Low R_ON NMOS FET and Status FLAG 1 2 3 4 5 MoreON Semiconductor
MAX13634-Channel 12-Bit System Monitors with Programmable Trip Window and SMBus Alert Response 1 2 3 4 5 MoreMaxim Integrated Products
SY58610U3.2Gbps Precision LVPECL 2:1 MUX with Internal Termination and Fail Safe Input 1 2 3 4 5 MoreMicrel Semiconductor
74LCX652Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
MC100EP16VB3.3V / 5V ECL Differential Receiver/Driver with High and Low Gain 1 2 3 4 5 MoreON Semiconductor
2ED020I12-FDual IGBT Driver IC for eupec Low and Medium Power IGBT Modules 1 2 3 4 5 Moreeupec GmbH

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl