Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60280HEA13NNH Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # PQ60280HEA13NNH
Description  Half-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60280HEA13NNH Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button PQ60280HEA13NNH Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60280HEA13NNH Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60280HEA13NNH Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60280HEA13NNH Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60280HEA13NNH Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60280HEA13NNH Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60280HEA13NNH Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60280HEA13NNH Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60280HEA13NNH Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Product # PQ60280HEA13
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HE628P Rev. C
7/3/07
Page 8
T
Technical S
echnical Specification
pecification
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
28 V
28 V
12.8 A
12.8 A
Half-brick
Half-brick
Figure 13: Test set-up diagram showing measurement points for Input
Terminal Ripple Current (Figure 14), Input Reflected Ripple Current
(Figure 15) and Output Voltage Ripple (Figure 16).
Figure 14: Input Terminal Ripple Current, ic, at full rated output cur-
rent and nominal input voltage with 4.7µ H source impedance and
100µ F electrolytic capacitor (100 mA/div). (See Figure 13)
Figure 15: Input reflected ripple current, is, through a 10 µ H source
inductor at nominal input voltage and rated load current (10 mA/div).
(See Figure 13)
Figure 16: Output voltage ripple at nominal input voltage and rated
load current (50 mV/div). Load capacitance: two 4.7µ F ceramic capaci-
tors and 15µ F tantalum capacitor. Bandwidth: 20 MHz. (See Figure 13)
Figure 17: Output voltage response to step-change in input voltage
(1000V/ms). Load cap: 330µ F, electrolytic output capacitance. Ch 1: Vout
(2V/div), Ch 2: Vin (20V/div).
Figure 18: Load current (5A/div) as a function of time when the con-
verter attempts to turn on into a 10 m
W short circuit.
4.7 µH
source
impedance
DC/DC
Converter
See Fig. 15
See Fig. 14
See Fig. 16
2*4.7 µF
ceramic
capacitor
15 µF,
tantalum and
1µF ceramic
capacitor
100 µF,
electrolytic
capacitor
VSOURCE
i
S
i
C
VOUT


Similar Part No. - PQ60280HEA13NNH

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60280HZw22xyz-G SYNQOR-PQ60280HZw22xyz-G Datasheet
3Mb / 16P
   High efficiency, 94% at full rated load current
PQ60280HZX22 SYNQOR-PQ60280HZX22 Datasheet
3Mb / 16P
   High efficiency, 94% at full rated load current
More results

Similar Description - PQ60280HEA13NNH

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com