Part Name
         Description
PQ60280FTA26NNF-G

 Full-brick DC/DC Converter ( 14 Page)


SYNQOR
100% 
Zoom Out Zoom In
 9 page
background image
Product # PQ60280FTA26
Phone 1-888-567-9596
Doc.# 005-2FT628P Rev. C
5/21/08
Page 9
T
Technical S
echnical Specification
pecification
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
36-75 V
36-75 V
28 V
28 V
26 A
26 A
Full-brick
Full-brick
-25
-20
-15
-10
-5
0
5
10
15
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 19: Magnitude of incremental reverse transmission (RT =
iin/iout) for minimum, nominal, and maximum input voltage at full rated
power.
0.1
1
10
100
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 20: Magnitude of incremental input impedance (Zin = vin/iin)
for minimum, nominal, and maximum input voltage at full rated power.
0
5
10
15
20
25
30
35
-5
0
5
10
15
20
25
30
35
Load Current (A)
Figure 22: Output voltage vs. load current showing typical current limit
curves and converter shutdown points.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
100
200
300
400
Airflow (LFM)
Figure 23: Thermal resistance (Rthca) plot at 50% output power (base-
plated, no-heatsink configuration).
0
3
6
9
12
15
18
21
24
27
0
25
40
55
70
85
Ambient Air Temperature (ºC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 21: Baseplated unit maximum output power derating curves vs. ambient
air temperature for airflow rates of 100 LFM through 400 LFM with air flowing
from input to output (nominal input voltage). No derating if baseplate is <100ºC.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SK4022Switching Regulator DC/DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
ASD07HIsolated and Regulated 7 WATT Open Frame DC/DC Converter 1 2 3 Astrodyne Corporation
LM2623_04General Purpose Gated Oscillator Based DC/DC Boost Converter 1 2 3 4 5 MoreNational Semiconductor
ACT6308Low Input High Efficiency Synchronous Step-Up DC/DC Converter 1 2 3 4 5 MoreActive-Semi, Inc
LM2717_08Dual Step-Down DC/DC Converter Coming SoonNational Semiconductor
DMW24S33-3000Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range 1 2 3 4 5 MoreWall Industries,Inc.
LANC482.5W12DC/DC Converter 36-75 VDC Input 2.5 VDC Output at 3.5A 1 2 3 4 5 MoreWall Industries,Inc.
LANC1215W12DC/DC Converter 9-18 VDC Input 15 VDC Output at 0.8A 1 2 3 4 5 MoreWall Industries,Inc.
LANC4805UW12DC/DC Converter 18-75 VDC Input 5.1 VDC Output at 2.4A 1 2 3 4 5 MoreWall Industries,Inc.
LANCW12Single and Dual Output 12 Watt DC/DC Converter 2:1 Ultra Wide Input Voltage 1 2 3 Wall Industries,Inc.

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl