Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60280FTF26NKF-G Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # PQ60280FTF26NKF-G
Description  Full-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60280FTF26NKF-G Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  PQ60280FTF26NKF-G Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60280FTF26NKF-G Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60280FTF26NKF-G Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60280FTF26NKF-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60280FTF26NKF-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60280FTF26NKF-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60280FTF26NKF-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60280FTF26NKF-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60280FTF26NKF-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Product # PQ60280FTA26
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2FT628P Rev. C
5/21/08
Page 4
T
Technical S
echnical Specification
pecification
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
36-75 V
36-75 V
28 V
28 V
26 A
26 A
Full-brick
Full-brick
Parameter
Min.
Typ.
Max.
Units
Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
100
V
Continuous
Operating
80
V
Continuous
Operating Transient Protection
100
V
100ms transient
Isolation Voltage (input to output)
2250
V
Basic insulation level, Pollution degree 2
Operating Temperature
-40
100
°C
Storage Temperature
-55
125
°C
Voltage at ON/OFF input pin
-2
18
V
INPUT CHARACTERISTICS
Operating Input Voltage Range
36
48
75
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
31.5
33.3
34.7
V
Turn-Off Voltage Threshold
29.5
31.0
32.4
V
Lockout Voltage Hysteresis
2.3
V
Maximum Input Current
22.0
A
100% Load, 36 Vin
No-Load Input Current
220
250
mA
Disabled Input Current
42
65
mA
Inrush Current Transient Rating
0.1
A2s
Input Reflected Ripple Current
60
mA
RMS thru 4.7µH inductor; Figures 11 & 13
Input Terminal Ripple Current
3
A
RMS; Figures 11 & 12
Recommended Input Fuse
30
A
Fast blow external fuse recommended
Input Filter Component Values (L\C)
0.2 \ 8.0
µH\µF
Internal values
Recommended External Input Capacitance
200
µF
Typical ESR 0.2W, see Figure
11
Recommended External Input Capacitor ESR1
0.04
0.20
1.00
W
100kHz, -40ºC to 100ºC
OUTPUT CHARACTERISTICS
Output Voltage Set Point
27.75
28.00
28.25
V
Output Voltage Regulation
Over Line
+0.05 \ 28 +0.10 \ 28 %\mV
Over Load
+0.1 \ 28 +0.2 \ 56
%\mV
Over Temperature
+45
+90
mV
Total Output Voltage Range
27.50
28.50
V
Over sample, line, load, temperature & life
Output Voltage Ripple and Noise1
20MHz bandwidth; Figures 11 & 14
Peak-to-Peak
180
250
mV
Full Load; see Figures 11 & 14
RMS
40
50
mV
Full Load; see Figures 11 & 14
Operating Output Current Range
0
26
A
Subject to thermal derating; Figures 5 - 6
Output DC Current-Limit Inception
28.0
30.2
32.0
A
Output Voltage 10% Low; Figure 22
Back-Drive Current-Limit While Enabled
1.50
3.40
5.00
A
Negative current drawn from output
Back-Drive Current-Limit While Disabled
0.14
0.30
0.45
A
Negative current drawn from output
Current Share Accuracy (2 units paralleled)
2.5
A
Maximum Output Capacitance
4,000
µF
28Vout at 26A Resistive Load
DYNAMIC CHARACTERISTICS
Input Voltage Ripple Rejection
30
dB
120 Hz; Figure 18
Output Voltage during Load Current Transient
For a Step Change in Output Current (0.1A/µs)
1500
mV
50-75-50% Iout max; 47µF cap; Figure 9
For a Step Change in Output Current (5A/µs)
800
mV
50-75-50% Iout max; 47µF cap; Figure 10
Settling Time
150
µs
To within 1% Vout nom
Turn-On Transient
Turn-On Time
25
30
35
ms
Full load, Vout=90% nom.; Figures 7 & 8
Startup Delay:
2
ms
First Startup Delay:
200
ms
Restart Inhibit Delay:
320
ms
Output Voltage Overshoot
0
%
4,000 µF load capacitance, Iout = 26A resistive load
EFFICIENCY
100% Load
95
%
Figures 1 - 4 (Figure 21 for baseplated)
50% Load
96
%
Figures 1 - 4 (Figure 21 for baseplated)
TEMPERATURE LIMITS FOR POWER DERATING CURVES
Semiconductor Junction Temperature
125
°C
Package rated to 150°C
Board Temperature
125
°C
UL rated max operating temp 130°C
Transformer Temperature
125
°C
See Figures 5 - 6 for derating curve
Maximum Baseplate Temperature2
100
°C
Applies to baseplated units only
ISOLATION CHARACTERISTICS
Isolation Voltage (dielectric strength)
2250
V
Isolation Resistance
30
MW
Isolation Capacitance3
3300
pF
PQ60280FTA26 ELECTRICAL CHARACTERISTICS
TA=25°C, airflow rate=300 LFM, Vin=48Vdc unless otherwise noted; full operating temperature range is -40°C to +100°C ambient
temperature with appropriate power derating. Specifications subject to change without notice.
Note 1: For applications requiring reduced output voltage ripple and noise, consult SynQor applications support (e-mail: support@synqor.com)
Note 2: There is no derating with a baseplate temperature of 100ºC or lower.
Note 3: Higher values of isolation capacitance can be added external to the module.


Similar Part No. - PQ60280FTF26NKF-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60280HEA13 SYNQOR-PQ60280HEA13 Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NKH SYNQOR-PQ60280HEA13NKH Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NKS SYNQOR-PQ60280HEA13NKS Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NNH SYNQOR-PQ60280HEA13NNH Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NNS SYNQOR-PQ60280HEA13NNS Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60280FTF26NKF-G

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFB200 CUI-VFB200 Datasheet
766Kb / 4P
   full brick dc-dc converter
logo
Advanced Thermal Soluti...
ATS-1111-C1-R0 ATS-ATS-1111-C1-R0 Datasheet
403Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1149-C1-R0 ATS-ATS-1149-C1-R0 Datasheet
400Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1148-C1-R0 ATS-ATS-1148-C1-R0 Datasheet
399Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1109-C1-R0 ATS-ATS-1109-C1-R0 Datasheet
402Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1108-C1-R0 ATS-ATS-1108-C1-R0 Datasheet
398Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1151-C1-R0 ATS-ATS-1151-C1-R0 Datasheet
402Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
logo
Wall Industries,Inc.
DCHPW1500-450S28 WALL-DCHPW1500-450S28 Datasheet
665Kb / 10P
   1500 Watts Full Brick DC/DC Converter Single Output
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com