Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ65180QGA06NKS Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # PQ65180QGA06NKS
Description  100 Watt, No Heatsink, Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ65180QGA06NKS Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  PQ65180QGA06NKS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ65180QGA06NKS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ65180QGA06NKS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ65180QGA06NKS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ65180QGA06NKS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ65180QGA06NKS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ65180QGA06NKS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ65180QGA06NKS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ65180QGA06NKS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Product # PQ65180QGA06
Phone 1-888-567-9596
Doc.# 005-2QG581D Rev. B
9/14/04
Page 3
Technical Specification
48Vin 18Vout 5.6A
Quarter
Quarter
Brick
Brick
Parameter
Min.
Typ.
Max.
Units
Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
100
V
continuous
Operating
80
V
continuous
Operating Transient Protection
100
V
100ms transient, square wave
Isolation Voltage (input to output)
2000
V
Basic insulation, Pollution Degree 2
Operating Temperature
-40
100
°C
Storage Temperature
-55
125
°C
Voltage at ON/OFF input pin
-2
18
V
INPUT CHARACTERISTICS
Operating Input Voltage Range
40
48
75
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
37
38
39
V
Turn-Off Voltage Threshold
33.5
34.5
35.5
V
Lockout Voltage Hysteresis
2.5
3.5
4.5
V
Maximum Input Current
3.0
A
100% Load, 40 Vin
No-Load Input Current
80
120
mA
Disabled Input Current
1.6
3
mA
Inrush Current Transient Rating
0.04
A2s
Response to Input Transient
600
mV
1000V/ms input transient
Input Reflected Ripple Current
4
mA
P-P thru 10µH inductor; Figs. 13 & 15
Input Terminal Ripple Current
60
mA
RMS; Figs. 13 & 14
Recommended Input Fuse
20
A
fast blow external fuse recommended
Input Filter Component Values (C\L)
2.46\4.7
µF\µH
internal values, see Figure E
Recommended External Input Capacitance
47
µF
Typical ESR 0.1-0.2
, see Figure 13
OUTPUT CHARACTERISTICS
Output Voltage Set Point
17.73
18.00
18.27
V
Factory pre-set with Sense(+), Sense(-) open
Output Voltage Regulation
Over Line
+0.04 \ 7 +0.2 \ 36
%\mV
Over Load
+0.04 \ 7 +0.2 \ 36
%\mV
Over Temperature
+112
+300
mV
Total Output Voltage Range
17.43
18.57
V
over sample, line, load, temperature & life
Output Voltage Ripple and Noise1
20MHz bandwidth; Fig. 13 & 16
Peak-to-Peak
50
120
mV
Full Load, see Figures 13 & 16
RMS
15
30
mV
Full Load, see Figures 13 & 16
Operating Output Current Range
0
5.6
A
Subject to thermal derating; Figs. 5-8
Output DC Current-Limit Inception
5.9
6.7
7.7
A
Output Voltage 10% Low; Figure 17
Output DC Current-Limit Shutdown Voltage
10
V
Back-Drive Current Limit while Enabled
0.1
0.3
0.6
A
Negative current drawn from output
Back-Drive Current Limit while Disabled
0
10
50
mA
Negative current drawn from output
Maximum Output Capacitance
2,000
µF
18Vout at 5.6A Resistive Load
DYNAMIC CHARACTERISTICS
Input Voltage Ripple Rejection
70
dB
120 Hz; Fig. 20
Output Voltage During Load Current Transient
For a Step Change in Output Current (0.1A/µs)
250
mV
50% to 75% to 50% Iout max; Figure 11
For a Step Change in Output Current (5A/µs)
250
mV
50% to 75% to 50% Iout max; Figure 12
Settling Time
800
µs
to within 1% Vout nom
Turn-On Transient
Turn-On Time
10
12
15
ms
Full load, Vout=90% nom.; Figs. 9 & 10
Start-Up Inhibit Time
180
200
240
ms
-40°C to +125°C; Figure F
Output Voltage Overshoot
0
%
2,000 µF load capacitance, Iout = 0A
EFFICIENCY
100% Load
91.5
%
Figures 1 - 4
50% Load
90.5
%
Figures 1 - 4
TEMPERATURE LIMITS FOR POWER DERATING CURVES
Semiconductor Junction Temperature
125
°C
Package rated to 150°C
Board Temperature
125
°C
UL rated max operating temp 130°C
Transformer Temperature
125
°C
See Figures 5 - 8 for derating curves
ISOLATION CHARACTERISTICS
Isolation Voltage (dielectric strength)
2000
V
Isolation Resistance
30
M
Isolation Capacitance2
470
pF
PQ65180QGA06 ELECTRICAL CHARACTERISTICS
TA=25°C, airflow rate=300 LFM, Vin=48Vdc unless otherwise noted; full operating temperature range is -40°C to +100°C ambient
temperature with appropriate power derating. Specifications subject to change without notice.
Note 1: For applications requiring reduced output voltage ripple and noise, consult SynQor applications support (e-mail: support@synqor.com)
Note 2: Higher values of isolation capacitance can be added external to the module.


Similar Part No. - PQ65180QGA06NKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60010EGL20 SYNQOR-PQ60010EGL20 Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60010EGL25 SYNQOR-PQ60010EGL25 Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60010EGw20xyz SYNQOR-PQ60010EGw20xyz Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60010EGw20xyz SYNQOR-PQ60010EGw20xyz Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60010EGw20xyz SYNQOR-PQ60010EGw20xyz Datasheet
5Mb / 13P
   Input under-voltage lockout disables converter at low
More results

Similar Description - PQ65180QGA06NKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48060QGA17 SYNQOR-PQ48060QGA17 Datasheet
768Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120QGA08 SYNQOR-PQ60120QGA08 Datasheet
1Mb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60060QGA17 SYNQOR-PQ60060QGA17 Datasheet
770Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150QGA07 SYNQOR-PQ48150QGA07 Datasheet
730Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ48120HGA12 SYNQOR-PQ48120HGA12 Datasheet
728Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ60050HPA45 SYNQOR-PQ60050HPA45 Datasheet
704Kb / 13P
   225 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120HTA14 SYNQOR-PQ60120HTA14 Datasheet
816Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HGA10 SYNQOR-PQ48150HGA10 Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HTA11 SYNQOR-PQ48150HTA11 Datasheet
750Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ24150QGA07 SYNQOR-PQ24150QGA07 Datasheet
673Kb / 13P
   100 Watts, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com