Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60280FTF26PYS-G Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # PQ60280FTF26PYS-G
Description  Full-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60280FTF26PYS-G Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  PQ60280FTF26PYS-G Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60280FTF26PYS-G Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60280FTF26PYS-G Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60280FTF26PYS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60280FTF26PYS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60280FTF26PYS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60280FTF26PYS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60280FTF26PYS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60280FTF26PYS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Product # PQ60280FTA26
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2FT628P Rev. C
5/21/08
Page 5
T
Technical S
echnical Specification
pecification
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
36-75 V
36-75 V
28 V
28 V
26 A
26 A
Full-brick
Full-brick
ParameterP
Min.
Typ.
Max.
Units
Notes & Conditions
FEATURE CHARACTERISTICS
Switching Frequency
275
300
325
kHz
Regulation and isolation stages
ON/OFF Control (Option P)
On Current (threshold)
0.1
0.5
1
mA
Off Current (threshold)
50
µA
ON/OFF Control (Option N)
On Current (threshold)
50
µA
Off Current (threshold)
0.1
0.5
1
mA
Maximum allowable current through ON/OFF Pin
4
mA
Auxiliary Power Supply Voltage
6.0
9.0
V
Auxiliary Power Supply Current
0.0
20.0
mA
Output Voltage Trim Range
-50
+15
%
Measured across Pins 9 & 5; Figure C
Output Voltage Remote Sense Range
+15
%
Measured across Pins 9 & 5
Output Over-Voltage Protection
33
35
37
V
Over full temp range; % of nominal Vout
Over-Temperature Shutdown
120
°C
Average PCB Temperature
Over-Temperature Shutdown Restart Hysteresis
10
°C
Load Current Scale Factor
833
See App Note: Output Load Current Calc.
RELIABILITY CHARACTERISTICS
Calculated MTBF (Telcordia)
2.13
106 Hrs. TR-NWT-000332; 80% load,300LFM, 40°C Ta
Calculated MTBF (MIL-217)
1.93
106 Hrs. MIL-HDBK-217F; 80% load, 300LFM, 40°C Ta
Field Demonstrated MTBF
TBD
106 Hrs. See our website for details
STANDARDS COMPLIANCE
ParameterP
Notes
STANDARDS COMPLIANCE
UL/cUL 60950-1
File # E194341, Basic insulation & pollution degree 2
EN60950-1
Certified by TUV
72/23/EEC
93/68/EEC
Needle Flame Test (IEC 695-2-2)
Test on entire assembly; board & plastic components UL94V-0 compliant
IEC 61000-4-2
ESD test, 8kV - NP, 15kV air - NP (Normal Performance)
GR-1089-CORE
Section 7 - electrical safety, Section 9 - bonding/grounding
Telcordia (Bellcore) GR-513
• An external input fuse must always be used to meet these safety requirements. Contact SynQor for official safety
certificates on new releases or download from the SynQor website.
QUALIFICATION TESTING
ParameterP
# Units
Test Conditions
QUALIFICATION TESTING
Life Test
32
95% rated Vin and load, units at derating point, 1000 hours
Vibration
5
10-55Hz sweep, 0.060” total excursion,1 min./sweep, 120 sweeps for 3 axis
Mechanical Shock
5
100g minimum, 2 drops in x and y axis, 1 drop in z axis
Temperature Cycling
10
-40°C to 100°C, unit temp. ramp 15°C/min., 500 cycles
Power/Thermal Cycling
5
Toperating = min to max, Vin = min to max, full load, 100 cycles
Design Marginality
5Tmin-10°C to Tmax+10°C, 5°C steps, Vin = min to max, 0-105% load
Humidity
5
85°C, 85% RH, 1000 hours, 2 minutes on and 6 hours off
Solderability
15 pins
MIL-STD-883, method 2003 and JESD22-B102D
• Extensive characterization testing of all SynQor products and manufacturing processes is performed to ensure that we supply
robust, reliable product. Contact the factory for official product family qualification documents.
ELECTRICAL CHARACTERISTICS (Continued)
OPTIONS
SynQor provides various options for this family of dc-dc convert-
ers. Please consult the last page for additional information.
PATENTS
SynQor is protected under various patents. Please consult the
last page for further details.


Similar Part No. - PQ60280FTF26PYS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60280HEA13 SYNQOR-PQ60280HEA13 Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NKH SYNQOR-PQ60280HEA13NKH Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NKS SYNQOR-PQ60280HEA13NKS Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NNH SYNQOR-PQ60280HEA13NNH Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NNS SYNQOR-PQ60280HEA13NNS Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60280FTF26PYS-G

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFB200 CUI-VFB200 Datasheet
766Kb / 4P
   full brick dc-dc converter
logo
Advanced Thermal Soluti...
ATS-1111-C1-R0 ATS-ATS-1111-C1-R0 Datasheet
403Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1149-C1-R0 ATS-ATS-1149-C1-R0 Datasheet
400Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1148-C1-R0 ATS-ATS-1148-C1-R0 Datasheet
399Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1109-C1-R0 ATS-ATS-1109-C1-R0 Datasheet
402Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1108-C1-R0 ATS-ATS-1108-C1-R0 Datasheet
398Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1151-C1-R0 ATS-ATS-1151-C1-R0 Datasheet
402Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
logo
Wall Industries,Inc.
DCHPW1500-450S28 WALL-DCHPW1500-450S28 Datasheet
665Kb / 10P
   1500 Watts Full Brick DC/DC Converter Single Output
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com