Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60280FTA26 Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # PQ60280FTA26
Description  Full-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60280FTA26 Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button PQ60280FTA26 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60280FTA26 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60280FTA26 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60280FTA26 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60280FTA26 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60280FTA26 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60280FTA26 Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60280FTA26 Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60280FTA26 Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Product # PQ60280FTA26
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2FT628P Rev. C
5/21/08
Page 7
T
Technical S
echnical Specification
pecification
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
36-75 V
36-75 V
28 V
28 V
26 A
26 A
Full-brick
Full-brick
Figure 7: Turn-on transient at full load (resistive load) (10 ms/div).
Input voltage pre-applied. Top Trace: Vout (10V/div). Bottom Trace:
ON/OFF input (10V/div)
Figure 8: Turn-on transient at zero load (10 ms/div). Top Trace: Vout
(10V/div). Bottom Trace: ON/OFF input (10V/div)
Figure 9: Output voltage response to step-change in load current (50%-75%-
50% of Iout(max); dI/dt = 0.1A/µ s). Load cap: 47µ F, ceramic output capacitance.
Top trace: Vout (1V/div). Bottom trace: Iout (5A/div).
Figure 10: Output voltage response to step-change in load current (50%-75%-
50% of Iout(max): dI/dt = 5A/µ s). Load cap: 47µ F, ceramic output capacitance.
Top trace: Vout (2V/div). Bottom trace: Iout (5A/div).
Figure 11: Test set-up diagram showing measurement points for Input
Terminal Ripple Current (Figure 12), Input Reflected Ripple Current
(Figure 13) and Output Voltage Ripple (Figure 14).
Figure 12: Input Terminal Ripple Current, ic, at full rated output cur-
rent and 75V input voltage with 4.7µ H source impedance and 200µ F
electrolytic capacitor (Ch2 5A/div). (See Figure 11).
4.7 µH
source
impedance
DC/DC
Converter
See Fig. 13
See Fig. 12
See Fig. 14
2*6.8 µF
ceramic
capacitor
15 µF,
tantalum and
1µF ceramic
capacitor
200 µF,
electrolytic
capacitor
Iin
Vin
VSOURCE
i
S
i
C
VOUT


Similar Part No. - PQ60280FTA26

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60280HEA13 SYNQOR-PQ60280HEA13 Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NKH SYNQOR-PQ60280HEA13NKH Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NKS SYNQOR-PQ60280HEA13NKS Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NNH SYNQOR-PQ60280HEA13NNH Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NNS SYNQOR-PQ60280HEA13NNS Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60280FTA26

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFB200 CUI-VFB200 Datasheet
766Kb / 4P
   full brick dc-dc converter
logo
Advanced Thermal Soluti...
ATS-1111-C1-R0 ATS-ATS-1111-C1-R0 Datasheet
403Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1149-C1-R0 ATS-ATS-1149-C1-R0 Datasheet
400Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1148-C1-R0 ATS-ATS-1148-C1-R0 Datasheet
399Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1109-C1-R0 ATS-ATS-1109-C1-R0 Datasheet
402Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1108-C1-R0 ATS-ATS-1108-C1-R0 Datasheet
398Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1151-C1-R0 ATS-ATS-1151-C1-R0 Datasheet
402Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
logo
Wall Industries,Inc.
DCHPW1500-450S28 WALL-DCHPW1500-450S28 Datasheet
665Kb / 10P
   1500 Watts Full Brick DC/DC Converter Single Output
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com