Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHIMH60PT Datasheet(PDF) 3 Page - Chenmko Enterprise Co. Ltd.

Part # CHIMH60PT
Description  Dual Digital Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHIMH60PT Datasheet(HTML) 3 Page - Chenmko Enterprise Co. Ltd.

  CHIMH60PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHIMH60PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHIMH60PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATING CHARACTERISTIC CURVES ( CHIMH60PT )
Typical Electrical Characteristics
COLLECTOR CURRENT : IC
(A)
100 200
500 1m
2m
5m 10m 20m 50m100m
1k
500
200
100
50
20
10
5
2
1
VCE 5V
Ta=
=
100 C
25 C
-40 C
Fig.1 DC current gain vs. collector
current
COLLECTOR CURRENT : IC (uA)
Fig.2 Collector-emitter voltage vs.
collector current
O
O
O
100
200
500 1m
2m
5m 10m 20m
50m 100m
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
lO/lI 20
=
Ta=100 C
25 C
-40 C
O
O
O


Similar Part No. - CHIMH60PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHIMH6PT CHENMKO-CHIMH6PT Datasheet
83Kb / 3P
   Dual Digital Silicon Transistor
More results

Similar Description - CHIMH60PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHUMH14PT CHENMKO-CHUMH14PT Datasheet
108Kb / 3P
   Dual Digital Silicon Transistor
CHEMA3PT CHENMKO-CHEMA3PT Datasheet
125Kb / 3P
   Dual Digital Silicon Transistor
CHEMA4PT CHENMKO-CHEMA4PT Datasheet
111Kb / 3P
   Dual Digital Silicon Transistor
CHEMA6PT CHENMKO-CHEMA6PT Datasheet
110Kb / 3P
   Dual Digital Silicon Transistor
CHEMA11PT CHENMKO-CHEMA11PT Datasheet
122Kb / 3P
   Dual Digital Silicon Transistor
CHEMB6PT CHENMKO-CHEMB6PT Datasheet
97Kb / 3P
   Dual Digital Silicon Transistor
CHEMD12PT CHENMKO-CHEMD12PT Datasheet
117Kb / 4P
   Dual Digital Silicon Transistor
CHEMD22PT CHENMKO-CHEMD22PT Datasheet
187Kb / 4P
   Dual Digital Silicon Transistor
CHEMG9PT CHENMKO-CHEMG9PT Datasheet
93Kb / 3P
   Dual Digital Silicon Transistor
CHEMG11PT CHENMKO-CHEMG11PT Datasheet
129Kb / 3P
   Dual Digital Silicon Transistor
CHIMB3PT CHENMKO-CHIMB3PT Datasheet
119Kb / 3P
   Dual Digital Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com