Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHFMG1PT Datasheet(PDF) 3 Page - Chenmko Enterprise Co. Ltd.

Part # CHFMG1PT
Description  NPN Digital Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHFMG1PT Datasheet(HTML) 3 Page - Chenmko Enterprise Co. Ltd.

  CHFMG1PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHFMG1PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHFMG1PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATING CHARACTERISTIC CURVES ( CHFMG1PT)
Typical Electrical Characteristics
OUTPUT CURRENT : IO
(A)
100 200
500 1m
2m
5m 10m 20m 50m100m
1k
500
200
100
50
20
10
5
2
1
VO 5V
=
Fig.3 DC current gain vs. output
current
OUTPUT CURRENT : IO
(A)
100
200
500 1m
2m
5m 10m 20m
50m 100m
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
lO/lI 20
Ta=
=
100 C
25 C
-40 C
Fig.4 Output voltage vs. output
current
OUTPUT CURRENT : IO
(A)
100
200
500 1m
2m
5m 10m 20m
50m 100m
100
50
20
10
5
2
1
500m
200m
100m
VO=
=
0.2V
Ta
40
O
O
O
C
25 C
100 C
Fig.1 Input voltage vs. output current
(ON characteristics)
INPUT VOLTAGE : VI(off)
(V)
0
3.0
10m
1
2m
5m
1m
200
500
100
20
50
10
2
5
0.5
1.0
1.5
2.0
2.5
VCC=5V
Ta 100 C
25 C
-40 C
Fig.2 Output current vs. input voltage
(OFF characteristics)
O
O
O
O
O
O
=-
=
Ta=100 C
25 C
-40 C
O
O
O


Similar Part No. - CHFMG1PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHFMG11PT CHENMKO-CHFMG11PT Datasheet
127Kb / 3P
   Dual Digital Silicon Transistor
More results

Similar Description - CHFMG1PT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR135 INFINEON-BCR135 Datasheet
490Kb / 10P
   NPN Silicon Digital Transistor
May-17-2004
BCR503 INFINEON-BCR503 Datasheet
43Kb / 4P
   NPN Silicon Digital Transistor
Jun-29-2001
BCR523 INFINEON-BCR523 Datasheet
114Kb / 4P
   NPN Silicon Digital Transistor
Dec-13-2001
BCR108TE6327 INFINEON-BCR108TE6327 Datasheet
216Kb / 9P
   NPN Silicon Digital Transistor
Aug-29-2003
BCR133 INFINEON-BCR133 Datasheet
490Kb / 10P
   NPN Silicon Digital Transistor
Jun-14-2004
logo
Chenmko Enterprise Co. ...
CHUMG8PT CHENMKO-CHUMG8PT Datasheet
135Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144TKPT CHENMKO-CHDTC144TKPT Datasheet
75Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144TMPT CHENMKO-CHDTC144TMPT Datasheet
90Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144WKPT CHENMKO-CHDTC144WKPT Datasheet
100Kb / 3P
   NPN Digital Silicon Transistor
CHDTC363EKPT CHENMKO-CHDTC363EKPT Datasheet
134Kb / 3P
   NPN Digital Silicon Transistor
CHDTC614TKPT CHENMKO-CHDTC614TKPT Datasheet
75Kb / 3P
   NPN Digital Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com