Part Name
         Description
CHFMA5PT

 Dual Digital Silicon Transistor ( 3 Page)


CHENMKO
100% 
Zoom Out Zoom In
   
 3 page
background image
RATING CHARACTERISTIC CURVES ( CHFMA5PT )
Typical Electrical Characteristics
OUTPUT CURRENT : IO
(A)
INPUT VOLTAGE : VI(off)
(V)
OUTPUT CURRENT : IO
(A)
OUTPUT CURRENT : IO
(A)
VO
=−0.3V
Fig.3 DC current gain vs. output
current
Fig.4 Output voltage vs. output
−100
−50
−20
−10
−5
−2
−1
−500m
−200m
−100m
current
Fig.1 Input voltage vs. output current
25
°C
(ON characteristics)
Fig.2 Output current vs. input voltage
100
°C
(OFF characteristics)
Ta
=−40°C
−100µ
−1m
−10m
−100m
−200µ
−2m
−20m
−500µ
−5m
−50m
0
−3.0
−10m
−1µ
−2m
−5m
−1m
−200µ
−500µ
−100µ
−20µ
−50µ
−10µ
−2µ
−5µ
−0.5
−1.0
−1.5
−2.0
−2.5
VCC
=−5V
Ta
=100°C
25
°C
−40°C
1k
500
200
100
50
20
10
5
2
1
−100µ−1m
−10m
−100m
−200µ−2m
−20m
−500µ−5m
−50m
VO
=−5V
25
°C
−40°C
Ta
=100°C
lO/lI
=20
−1
−500m
−200m
−100m
−10m
−50m
−5m
−20m
−2m
−1m
Ta
=100°C
25
°C
−40°C
−100µ
−1m
−10m
−100m
−200µ
−2m
−20m
−500µ−5m
−50m



Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CHEMB3PTDual Digital Silicon Transistor 1 2 3 Chenmko Enterprise Co. Ltd.
CHEMG4PTDual Digital Silicon Transistor 1 2 3 Chenmko Enterprise Co. Ltd.
CHFMA4PTDual Digital Silicon Transistor 1 2 3 Chenmko Enterprise Co. Ltd.
CHEMB4PTDual Digital Silicon Transistor 1 2 3 Chenmko Enterprise Co. Ltd.
CHEMB6PTDual Digital Silicon Transistor 1 2 3 Chenmko Enterprise Co. Ltd.
CHEMG6PTDual Digital Silicon Transistor 1 2 3 Chenmko Enterprise Co. Ltd.
CHEMB10PTDual Digital Silicon Transistor 1 2 3 Chenmko Enterprise Co. Ltd.
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
CHEMB11PTDual Digital Silicon Transistor 1 2 3 Chenmko Enterprise Co. Ltd.
CHEMG9PTDual Digital Silicon Transistor 1 2 3 Chenmko Enterprise Co. Ltd.

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl