Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHFMA2PT Datasheet(PDF) 3 Page - Chenmko Enterprise Co. Ltd.

Part # CHFMA2PT
Description  Dual Digital Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHFMA2PT Datasheet(HTML) 3 Page - Chenmko Enterprise Co. Ltd.

  CHFMA2PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHFMA2PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHFMA2PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATING CHARACTERISTIC CURVES ( CHFMA2PT )
Typical Electrical Characteristics
VO=- 0.3V
Fig.1 Input voltage vs. output current
(ON characteristics)
OUTPUT CURRENT : IO
(A)
-100
-50
-20
-10
-200m
-100m
-100
-1m
-10m
-100m
-200
-500
-2m
-20m
-5m
-50m
-5
-2
-1
-500m
=
Ta
40
O
O
O
C
25 C
100 C
=-
Fig.2 Output current vs. input voltage
(OFF characteristics)
VCC
5V
-0
-3.0
-10m
-1
-2m
-5m
-1m
-200
-500
-100
-20
-50
-10
-2
-5
-0.5
-1.0
-1.5
-2.0
-2.5
INPUT VOLTAGE : VI(off)
(V)
Ta 100 C
25 C
-40 C
O
O
O
=
=-
Fig.3 DC current gain vs. output
current
VO
5V
OUTPUT CURRENT : IO
(A)
1k
500
200
100
50
20
10
5
2
1
-100
-1m
-10m
-100m
-200
-2m
-20m
-500
-5m
-50m
Ta=100 C
25 C
-40 C
O
O
O
=-
Fig.4 Output voltage vs. output
current
lO/lI 20
-1
-500m
-200m
-100m
-10m
-50m
-5m
-20m
-2m
-1m
OUTPUT CURRENT : IO
(A)
-100
-1m
-10m
-100m
-200
-2m
-20m
-500
-5m
-50m
Ta=100 C
25 C
-40 C
O
O
O
=


Similar Part No. - CHFMA2PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHFMA10PT CHENMKO-CHFMA10PT Datasheet
115Kb / 3P
   Dual Digital Silicon Transistor
CHFMA11PT CHENMKO-CHFMA11PT Datasheet
119Kb / 3P
   Dual Digital Silicon Transistor
CHFMA3PT CHENMKO-CHFMA3PT Datasheet
120Kb / 3P
   Dual Digital Silicon Transistor
CHFMA4PT CHENMKO-CHFMA4PT Datasheet
106Kb / 3P
   Dual Digital Silicon Transistor
CHFMA5PT CHENMKO-CHFMA5PT Datasheet
112Kb / 3P
   Dual Digital Silicon Transistor
More results

Similar Description - CHFMA2PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHUMH14PT CHENMKO-CHUMH14PT Datasheet
108Kb / 3P
   Dual Digital Silicon Transistor
CHEMA3PT CHENMKO-CHEMA3PT Datasheet
125Kb / 3P
   Dual Digital Silicon Transistor
CHEMA4PT CHENMKO-CHEMA4PT Datasheet
111Kb / 3P
   Dual Digital Silicon Transistor
CHEMA6PT CHENMKO-CHEMA6PT Datasheet
110Kb / 3P
   Dual Digital Silicon Transistor
CHEMA11PT CHENMKO-CHEMA11PT Datasheet
122Kb / 3P
   Dual Digital Silicon Transistor
CHEMB6PT CHENMKO-CHEMB6PT Datasheet
97Kb / 3P
   Dual Digital Silicon Transistor
CHEMD12PT CHENMKO-CHEMD12PT Datasheet
117Kb / 4P
   Dual Digital Silicon Transistor
CHEMD22PT CHENMKO-CHEMD22PT Datasheet
187Kb / 4P
   Dual Digital Silicon Transistor
CHEMG9PT CHENMKO-CHEMG9PT Datasheet
93Kb / 3P
   Dual Digital Silicon Transistor
CHEMG11PT CHENMKO-CHEMG11PT Datasheet
129Kb / 3P
   Dual Digital Silicon Transistor
CHIMB3PT CHENMKO-CHIMB3PT Datasheet
119Kb / 3P
   Dual Digital Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com