Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60150EGA05NRS Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ60150EGA05NRS
Description  Eighth-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60150EGA05NRS Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ60150EGA05NRS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60150EGA05NRS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60150EGA05NRS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60150EGA05NRS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60150EGA05NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60150EGA05NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60150EGA05NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60150EGA05NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60150EGA05NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
T
Technical
echnical
S
Specification
pecification
PQ60150EGL05
PQ60150EGL05
Product # PQ60150EGL05
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2EG615D Rev. A
4/11/07
Page 1
TThhee PPQ
Q6
60
01
15
50
0EEG
GLL0
05
5 PPoow
weerrQ
Qoorr®® G
Giiggaa eeiigghhtthh--bbrriicckk ccoonn--
vveerrtteerr iiss aa nneexxtt--ggeenneerraattiioonn,, bbooaarrdd--m
moouunnttaabbllee,, iissoollaatteedd,, ffiixxeedd
ssw
wiittcchhiinngg ffrreeqquueennccyy D
DC
C/
/D
DC
C ccoonnvveerrtteerr tthhaatt uusseess ssyynncchhrroo--
nnoouuss rreeccttiiffiiccaattiioonn ttoo aacchhiieevvee eexxttrreem
meellyy hhiigghh ccoonnvveerrssiioonn eeffffii--
cciieennccyy.. TThhee ppoow
weerr ddiissssiippaatteedd bbyy tthhee ccoonnvveerrtteerr iiss ssoo lloow
w tthhaatt
aa hheeaattssiinnkk iiss nnoott rreeqquuiirreedd,, w
whhiicchh ssaavveess ccoosstt,, w
weeiigghhtt,, hheeiigghhtt,,
aanndd aapppplliiccaattiioonn eeffffoorrtt.. A
Allll ooff tthhee ppoow
weerr aanndd ccoonnttrrooll ccoom
m--
ppoonneennttss aarree m
moouunntteedd ttoo tthhee m
muullttii--llaayyeerr PPC
CBB ssuubbssttrraattee w
wiitthh
hhiigghh--yyiieelldd ssuurrffaaccee m
moouunntt tteecchhnnoollooggyy.. SSiinnccee tthhee PPoow
weerrQ
Qoorr
ccoonnvveerrtteerr hhaass nnoo eexxpplliicciitt tthheerrm
maall iinntteerrffaacceess,, iitt iiss eexxttrreem
meellyy
rreelliiaabbllee.. RRooH
HSS ccoom
mpplliiaanntt ((sseeee ppaaggee 1
12
2))..
PQ60150EGL05 Module
48V
48V in
in
15V
15Vout
out
5A
5A
2000Vdc
2000Vdc
Eighth-brick
Eighth-brick
Input
Input
Output
Output
Current
Current
Isolation
Isolation
DC/DC Conver
DC/DC Conver ter
ter
• High efficiency, 91% at full rated load current
• Delivers up to 5 amps of output current (75W) with
minimal derating - no heatsink required
• Wide input voltage range: 35V – 75V, with 100V
100ms input voltage transient capability
• Fixed frequency switching provides predictable EMI
performance
• No minimum load requirement means no preload
resistors required
Operational Features
Operational Features
• Input under-voltage lockout disables converter at low
input voltage conditions
• Output current limit and short circuit protection protects
converter and load from damage and consequent haz-
ardous conditions
• Active back bias limit prevents damage to converter
from external load induced pre-bias
• Output over-voltage protection protects load from dam-
aging voltages
• Thermal shutdown protects converter from abnormal
environmental conditions
Pr
Protection Features
otection Features
• 2000V, 30 MW input-to-output isolation provides
input/output ground separation
• UL 60950-1 recognized (US & Canada), basic insula-
tion rating
• TUV certified to EN60950-1
• Meets 72/23/EEC and 93/68/EEC directives which
facilitates CE Marking in user’s end product
• Board and plastic components meet UL94V-0 flammabil-
ity requirements
Safety Features
Safety Features
• Industry standard eighth-brick pin-out configuration
• Industry standard size: 0.90” x 2.3” (22.9x58.4mm)
• Total height only 0.349” (8.86mm), permits better air-
flow and smaller card pitch
• Total weight: 0.68 oz. (19 grams)
• Flanged pins designed to permit surface mount solder-
ing (avoid wave solder) using FPiP technique
Mechanical Features
Mechanical Features
• On/Off control referenced to input side (positive and
negative logic options are available)
• Remote sense for the output voltage compensates for
output distribution drops
• Output voltage trim permits custom voltages and voltage
margining
Contr
Control Features
ol Features


Similar Part No. - PQ60150EGA05NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60150EGw05xy SYNQOR-PQ60150EGw05xy Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60150EGw05xyS SYNQOR-PQ60150EGw05xyS Datasheet
534Kb / 13P
   Thermal shutdown protects converter from abnormal environmental conditions
PQ60150EGw05xyS SYNQOR-PQ60150EGw05xyS Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60150EGw05xyS SYNQOR-PQ60150EGw05xyS Datasheet
5Mb / 13P
   Input under-voltage lockout disables converter at low
PQ60150EGw05xyS SYNQOR-PQ60150EGw05xyS Datasheet
4Mb / 13P
   Input under-voltage lockout disables converter at low input voltage conditions
More results

Similar Description - PQ60150EGA05NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com