Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHEMZ1PT Datasheet(PDF) 3 Page - Chenmko Enterprise Co. Ltd.

Part # CHEMZ1PT
Description  Dual Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHEMZ1PT Datasheet(HTML) 3 Page - Chenmko Enterprise Co. Ltd.

  CHEMZ1PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHEMZ1PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHEMZ1PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. CHEMZ1PT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RATING CHARACTERISTIC CURVES ( CHEMZ1PT )
2SC2412K Typical Electrical Characteristics
Fig.1
Grounded emitter propagation
characteristics
0
0.1
0.2
0.5
2
20
50
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
5
10
VCE
=6V
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.2
Grounded emitter output
characteristics
0
20
40
60
80
100
0.4
0.8
1.2
1.6
2.0
0
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
0.05mA
0.10mA
0.15mA
0.25mA
0.30mA
0.35mA
0.20mA
Ta=25OC
IB=0A
0.40m
A
0.45mA
0.50mA
0.2
20
10
0.5 1
2
5
10 20
50 100 200
50
100
200
500
VCE=5V
3V
1V
Ta=25OC
Fig.3 DC current gain vs.
collector current (1)
COLLECTOR CURRENT : IC
(mA)
0.2
0.5
1
2
5
10 20
50 100 200
20
10
50
100
200
500
25OC
-55OC
Ta=100OC
VCE=
5V
Fig.4 DC current gain vs.
collector current (2)
COLLECTOR CURRENT : IC
(mA)
Fig. 5 Collector-emitter saturation
voltage vs. collector current
0.2
COLLECTOR CURRENT : IC
(mA)
0.01
0.02
0.05
0.1
0.2
0.5
0.5
1
2
5
10
20
50 100
IC/IB=50
20
10
Ta=25
Fig.6 Collector-emitter saturation
voltage vs. collector current
0.2
COLLECTOR CURRENT : IC
(mA)
0.01
0.02
0.05
0.1
0.2
0.5
0.5
1
2
5
10
20
50 100 200
IC/IB=10
Ta=100OC
25OC
-55OC
Fig.7 Gain bandwidth product vs.
emitter current
50
0.5
1
2
5
10
20
50
100
200
500
Ta=25O
VCE
=6V
EMITTER CURRENT : IE
(mA)
100
Fig.8 Base-collector time constant
vs. emitter current
0.2
0.5
1
2
5
10
EMITTER CURRENT : IE
(mA)
10
20
50
100
200
Ta=25OC
f=32MHZ
VCB=6V


Similar Part No. - CHEMZ1PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHEMZ2PT CHENMKO-CHEMZ2PT Datasheet
232Kb / 4P
   Dual Silicon Transistor
CHEMZ7PT CHENMKO-CHEMZ7PT Datasheet
176Kb / 6P
   Dual Silicon Transistor
CHEMZ8PT CHENMKO-CHEMZ8PT Datasheet
201Kb / 5P
   Dual Silicon Transistor
More results

Similar Description - CHEMZ1PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHUMZ1PT CHENMKO-CHUMZ1PT Datasheet
223Kb / 4P
   Dual Silicon Transistor
CHEMX3PT CHENMKO-CHEMX3PT Datasheet
137Kb / 3P
   Dual Silicon Transistor
CHEMX18PT CHENMKO-CHEMX18PT Datasheet
130Kb / 4P
   Dual Silicon Transistor
CHIMX2PT CHENMKO-CHIMX2PT Datasheet
143Kb / 3P
   Dual Silicon Transistor
CHEMX2PT CHENMKO-CHEMX2PT Datasheet
137Kb / 3P
   Dual Silicon Transistor
CHEMY1PT CHENMKO-CHEMY1PT Datasheet
223Kb / 4P
   Dual Silicon Transistor
CHEMT2PT CHENMKO-CHEMT2PT Datasheet
183Kb / 3P
   Dual Silicon Transistor
CHUMY1PT CHENMKO-CHUMY1PT Datasheet
227Kb / 4P
   Dual Silicon Transistor
CHEMT1PT CHENMKO-CHEMT1PT Datasheet
178Kb / 3P
   Dual Silicon Transistor
CHEMZ7PT CHENMKO-CHEMZ7PT Datasheet
176Kb / 6P
   Dual Silicon Transistor
CHUMT1PT CHENMKO-CHUMT1PT Datasheet
170Kb / 3P
   Dual Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com