Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60120QEB25NYS-G Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # PQ60120QEB25NYS-G
Description  Quarter-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120QEB25NYS-G Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button PQ60120QEB25NYS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120QEB25NYS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120QEB25NYS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120QEB25NYS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120QEB25NYS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60120QEB25NYS-G Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60120QEB25NYS-G Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60120QEB25NYS-G Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60120QEB25NYS-G Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Input:
Output:
Current:
Package:
35-75 V
12 V
25 A (300W)
Quarter-brick
Product # PQ60120QEA25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QE612J Rev. B
03/24/09
Page 9
Technical Specification
BASIC OPERATION AND FEATURES
The PowerQor Exa series converter uses a two-stage power
conversion topology. The first stage keeps the output voltage
constant over variations in line, load, and temperature. The
second stage uses a transformer to provide the functions of input/
output isolation and voltage step-down to achieve the low output
voltage required.
Both the first stage and the second stage switch at a fixed frequency
for predictable EMI performance. Rectification of the transformer’s
output is accomplished with synchronous rectifiers. These devices,
which are MOSFETs with a very low on-state resistance, dissipate
significantly less energy than Schottky diodes, enabling the
PowerQor converter to achieve high efficiency.
Dissipation throughout the converter is so low that it does not
require a heatsink for operation. Since a heatsink is not required,
the PowerQor converter does not need a metal baseplate or potting
material to help conduct the dissipated energy to the heatsink. As
an open frame module, the PowerQor converter can be built more
simply and reliably using high yield surface mount techniques on
a PCB substrate.
The PowerQor series of half-brick, quarter-brick and
eighth-brick converters uses the industry standard footprint and pin-
out configuration.
CONTROL FEATURES
REMOTE ON/OFF (Pin 2): The ON/OFF input, Pin 2, permits
the user to control when the converter is on or off. This input
is referenced to the return terminal of the input bus, Vin(-). The
converter is available with either positive or negative logic used for
the ON/OFF input.
In the positive logic version, the ON/OFF input is active high
(meaning that a high voltage turns the converter on). In the negative
logic version, the ON/OFF signal is active low (meaning that a low
voltage turns the converter on). Figure A details five possible circuits
for driving the ON/OFF pin.
REMOTE SENSE(+) (Pins 7 and 5): The SENSE(+) inputs correct
for voltage drops along the conductors that connect the converter’s
output pins to the load.
Pin 7 should be connected to Vout(+) and Pin 5 should be connected
to Vout(-) at the point on the board where regulation is desired. If
these connections are not made, the converter will deliver an output
voltage that is slightly higher than its specified value.
Note: The output over-voltage protection circuit senses the voltage
across the sense leads (pins 7 and 5) to determine when it should
trigger, not the voltage across the converter’s output pins (pins 8
and 4).
OUTPUT VOLTAGE TRIM (Pin 6): The TRIM input permits the
user to adjust the output voltage across the sense leads up or down
according to the trim range specifications. SynQor uses industry
standard trim equations.
To decrease the output voltage, the user should connect a resistor
between Pin 6 (TRIM) and Pin 5 (SENSE(
) input). For a desired
decrease of the nominal output voltage, the value of the resistor
should be:
Rtrim-down =
(511) _ 10.22 kW
D%
where
D%= Vnominal – Vdesired
x 100%
Vnominal
Open Collector Enable Circuit
Figure A: Various circuits for driving the ON/OFF pin.
Remote Enable Circuit
Direct Logic Drive
Negative Logic
(Permanently Enabled)
Positive Logic
(Permanently Enabled)
ON/OFF
Vin(_
)
ON/OFF
ON/OFF
Vin(_
)
ON/OFF
5V
CMOS
Vin(_
)
ON/OFF
Vin(_)
Vin(_
)
Application Section


Similar Part No. - PQ60120QEB25NYS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120QEB17NKS SYNQOR-PQ60120QEB17NKS Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60120QEB17NNS SYNQOR-PQ60120QEB17NNS Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60120QEB17NRS SYNQOR-PQ60120QEB17NRS Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60120QEB17NYS SYNQOR-PQ60120QEB17NYS Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60120QEB17PKS SYNQOR-PQ60120QEB17PKS Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
More results

Similar Description - PQ60120QEB25NYS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com