Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHEMT2PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CHEMT2PT
Description  Dual Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHEMT2PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CHEMT2PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHEMT2PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHEMT2PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SA1037K CHARACTERISTICS
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
PARAMETERS
CONDITION
Collector Cut-off Current
Emitter Cut-off Current
DC Current Gain
IE=0; VCB=-60V
IC=0; VEB=-6V
VCE=-6V
IC=-1mA
Collector-Emitter Saturation Voltage
IC=-50mA; IB=-5mA
IE=ie=0; VCB=-12V;
f=1MHz
IE=2mA; VCE=-12V;
f=100MHz
Output Collector Capacitance
Transition Frequency
SYMBOL
ICBO
IEBO
hFE
Cob
fT
VCEsat
MIN.
MAX.
TYPE
UNITS
-
-0.1
uA
Volts
pF
MHz
-
-
-0.1
-
120
560
-
-
-0.5
-
-
5.0
4
-
-
140
Collector-base breakdown voltage
IC=-50uA
BVCBO
-
-
-
-
-
-
Volts
Volts
Volts
Collector-emitter breakdown voltage
IC=-1mA
Emitter-base breakdown voltage
BVCEO
IE=-50uA
BVEBO
-50
-60
-6
RATING CHARACTERISTIC CURVES ( CHEMT2PT )


Similar Part No. - CHEMT2PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHEMT18PT CHENMKO-CHEMT18PT Datasheet
135Kb / 4P
   Dual Silicon Transistor
CHEMT1PT CHENMKO-CHEMT1PT Datasheet
178Kb / 3P
   Dual Silicon Transistor
CHEMT3PT CHENMKO-CHEMT3PT Datasheet
183Kb / 3P
   Dual Silicon Transistor
More results

Similar Description - CHEMT2PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHUMZ1PT CHENMKO-CHUMZ1PT Datasheet
223Kb / 4P
   Dual Silicon Transistor
CHEMX3PT CHENMKO-CHEMX3PT Datasheet
137Kb / 3P
   Dual Silicon Transistor
CHEMX18PT CHENMKO-CHEMX18PT Datasheet
130Kb / 4P
   Dual Silicon Transistor
CHIMX2PT CHENMKO-CHIMX2PT Datasheet
143Kb / 3P
   Dual Silicon Transistor
CHEMX2PT CHENMKO-CHEMX2PT Datasheet
137Kb / 3P
   Dual Silicon Transistor
CHEMY1PT CHENMKO-CHEMY1PT Datasheet
223Kb / 4P
   Dual Silicon Transistor
CHUMY1PT CHENMKO-CHUMY1PT Datasheet
227Kb / 4P
   Dual Silicon Transistor
CHEMT1PT CHENMKO-CHEMT1PT Datasheet
178Kb / 3P
   Dual Silicon Transistor
CHEMZ7PT CHENMKO-CHEMZ7PT Datasheet
176Kb / 6P
   Dual Silicon Transistor
CHUMT1PT CHENMKO-CHUMT1PT Datasheet
170Kb / 3P
   Dual Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com