Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60120QGA08NRS Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ60120QGA08NRS
Description  100 Watt, No Heatsink, Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120QGA08NRS Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ60120QGA08NRS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60120QGA08NRS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60120QGA08NRS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60120QGA08NRS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120QGA08NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120QGA08NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120QGA08NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120QGA08NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120QGA08NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Product # PQ60120QGA08
Phone 1-888-567-9596
Doc.# 005-2QG612D Rev. A
1/23/03
Page 1
Technical Specification
48Vin 12Vout 8.3A
Quarter
Quarter
Brick
Brick
The PQ60120QGA08 PowerQor™ Giga quarter-
brick converter is a next-generation, board-mount-
able, isolated, fixed switching frequency DC/DC
converter that uses synchronous rectification to
achieve extremely high conversion efficiency. The
power dissipated by the converter is so low that a
heatsink is not required, which saves cost, weight,
height, and application effort. All of the power and
control components are mounted to the multi-layer
PCB substrate with high-yield surface mount tech-
nology. Since the PowerQor converter has no
explicit thermal connections, it is extremely reliable.
PQ60120QGA08 Module
100 Watt, No Heatsink, Isolated DC/DC Converter
Mechanical Features
• Industry standard quarter-brick pin-out configuration
• Industry standard size: 1.45” x 2.3”
• Total height less than 0.40”, permits better airflow
and smaller card pitch
• Total weight: 34 grams (1.2 oz.), lower mass great-
ly reduces vibration and shock problems
Safety Features
• 2000V, 10 M
Ω input-to-output isolation provides
input/output ground separation
• UL/cUL 60950 recognized (US & Canada), basic
insulation rating
• TUV certified to EN60950
• Meets 72/23/EEC and 93/68/EEC directives
which facilitates CE Marking in user’s end product
• Board and plastic components meet UL94V-0 flam-
mability requirements
Operational Features
• Ultra-high efficiency, >88% at full rated load current
• Delivers up to 100 Watts of output power with mini-
mal derating - no heatsink required
• Wide input voltage range: 35V – 75V, with 100V
100ms input voltage transient withstand
• Fixed frequency switching provides predictable EMI
performance
• No minimum load requirement means no preload
resistors required
Protection Features
• Input under-voltage lockout disables converter at
low input voltage conditions
• Output current limit and short circuit protection
protects converter from excessive load current or
short circuits
• Output over-voltage protection protects load from
damaging voltages
• Thermal shutdown protects converter from abnor-
mal environmental conditions
Control Features
• On/Off control referenced to input side (positive
and negative logic options are available)
• Remote sense for the output voltage compensates
for output distribution drops
• Output voltage trim permits custom voltages and
voltage margining


Similar Part No. - PQ60120QGA08NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60120QEA17NKS SYNQOR-PQ60120QEA17NKS Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60120QEA17NNS SYNQOR-PQ60120QEA17NNS Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60120QEA17NRS SYNQOR-PQ60120QEA17NRS Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60120QEA17NYS SYNQOR-PQ60120QEA17NYS Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
More results

Similar Description - PQ60120QGA08NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48060QGA17 SYNQOR-PQ48060QGA17 Datasheet
768Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60060QGA17 SYNQOR-PQ60060QGA17 Datasheet
770Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150QGA07 SYNQOR-PQ48150QGA07 Datasheet
730Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ65180QGA06 SYNQOR-PQ65180QGA06 Datasheet
683Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ48120HGA12 SYNQOR-PQ48120HGA12 Datasheet
728Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ60050HPA45 SYNQOR-PQ60050HPA45 Datasheet
704Kb / 13P
   225 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120HTA14 SYNQOR-PQ60120HTA14 Datasheet
816Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HGA10 SYNQOR-PQ48150HGA10 Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HTA11 SYNQOR-PQ48150HTA11 Datasheet
750Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ24150QGA07 SYNQOR-PQ24150QGA07 Datasheet
673Kb / 13P
   100 Watts, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com