Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60120QEA17PYS Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # PQ60120QEA17PYS
Description  Quarter-brick DC-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120QEA17PYS Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  PQ60120QEA17PYS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60120QEA17PYS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60120QEA17PYS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60120QEA17PYS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120QEA17PYS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120QEA17PYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120QEA17PYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120QEA17PYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120QEA17PYS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Input:
Output:
Current:
Package:
35-75 V
12 V
17 A (200W)
Quarter-brick
Product # PQ60120QEA17
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005068 Rev. A
03/19/09
Page 3
Technical Specification
Top View
Side View
NOTES
1)Pins1-3,5-7are0.040”(1.02mm)diameterwith0.080”
(2.03mm)diameterstandoffshoulders.
2)Pins4and8are0.062”(1.57mm)diameterwith0.100”
(2.54mm)diameterstandoffshoulders.
3)Otherpinextensionlengthsavailable.Recommendedpinlengthis
0.03”(0.76mm)greaterthanthePCBthickness.
4)AllPins:Material-CopperAlloy
Finish(RoHS5/6)-Tin/LeadoverNickelplate
Finish(RoHS6/6)-MatteTinoverNickelplate
5)Undimensionedcomponentsareshownforvisualreferenceonly.
6)Alldimensionsininches(mm)
Tolerances:x.xx+0.02in.(x.x+0.5mm)
x.xxx+0.010in.(x.xx+0.25mm)
7)Weight:2.4oz.(69g)typical
8)Workmanship:MeetsorexceedsIPC-A-610CClassII
9)UL/TUVstandardsrequireaclearancegreaterthan0.04”(1.02mm)betweeninput
andoutputforBasicinsulation.Thisissueshouldbeconsideredifanycoppertraces
areonthetopsideoftheuser’sboard.Notethattheferritecoresareconsidered
partoftheinput/primarycircuit.
10)Theflangedpinsaredesignedtopermitsurfacemountsoldering(avoidingthe
wavesolderingprocess)throughtheuseoftheflangedpin-in-pastetechnique.
11)M3screwsusedtoboltunit’sbaseplatetoothersurfacessuchasaheatsinkmust
notexceed0.100”(2.54mm)depthbelowthebaseplatesurface.
12)Appliedtorqueperscrewshouldnotexceed6in-lb(0.7Nm).
0.300
(7.62)
0.600
(15.24)
0.43
(10.9)
0.150
(3.81)
0.300
(7.62)
0.450
(11.43)
0.600
(15.24)
0.14
(3.6)
1
7
6
5
4
2
3
Bottom side
Clearance
See Note 9
M3 Threaded Inserts
4 Places
See Notes 11 & 12
2.30
(58.4)
2.00
(50.8)
0.025 +.024
(10.46 +0.60)
Lowest
Component
Load Board
Flanged Pin
See Note 10
0.180
(4.57)
See Note 3
0.499 max
(12.67)
1.45
(36.8)
1.03
(26.2)
0.21
(5.3)
1.86
(47.2)
0.22
(5.6)
8
PINDESIGNATIONS
PIN NAME
FUNCTION
1
Vin(+)
Positiveinputvoltage
2
ON/OFF
TTLinputtoturnconverteron
andoff,referencedtoVin(–),
withinternalpullup.
3
Vin(–)
Negativeinputvoltage
4
Vout(–)
Negativeoutputvoltage
5
SENSE(–) Negativeremotesense1
6
TRIM
Outputvoltagetrim2
7
SENSE(+) Positiveremotesense3
8
Vout(+)
Positiveremotesense3
Notes:
1.
SENSE(–)shouldbeconnectedtoVout(–)either
remotelyorattheconverter.
2.
Leave TRIM pin open for nominal output voltage.
3.
SENSE(+) should be connected to Vout(+) either
remotely or at the converter.
MECHANICAL DIAGRAM (base-plated)


Similar Part No. - PQ60120QEA17PYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120QEA25 SYNQOR-PQ60120QEA25 Datasheet
2Mb / 14P
   No minimum load requirement
PQ60120QEA25NKS-G SYNQOR-PQ60120QEA25NKS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA25NNS-G SYNQOR-PQ60120QEA25NNS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA25NRS-G SYNQOR-PQ60120QEA25NRS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA25NYS-G SYNQOR-PQ60120QEA25NYS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ60120QEA17PYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com