Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60120QEB17PKS Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # PQ60120QEB17PKS
Description  Quarter-brick DC-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120QEB17PKS Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button PQ60120QEB17PKS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120QEB17PKS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120QEB17PKS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120QEB17PKS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60120QEB17PKS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60120QEB17PKS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60120QEB17PKS Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60120QEB17PKS Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ60120QEB17PKS Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Input:
Output:
Current:
Package:
35-75 V
12 V
17 A (200W)
Quarter-brick
Product # PQ60120QEA17
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005068 Rev. A
03/19/09
Page 10
Technical Specification
BASIC OPERATION AND FEATURES
The PowerQor Exa series converter uses a two-stage power con-
version topology. The first stage keeps the output voltage constant
over variations in line, load, and temperature. The second stage
uses a transformer to provide the functions of input/output isola-
tion and voltage step-down to achieve the low output voltage
required.
Both the first stage and the second stage switch at a fixed fre-
quency for predictable EMI performance. Rectification of the trans-
former’s output is accomplished with synchronous rectifiers. These
devices, which are MOSFETs with a very low on-state resistance,
dissipate significantly less energy than Schottky diodes, enabling
the PowerQor converter to achieve high efficiency.
Dissipation throughout the converter is so low that it does not
require a heatsink for operation. Since a heatsink is not required,
the PowerQor converter does not need a metal baseplate or
potting material to help conduct the dissipated energy to the
heatsink. As an open frame module, the PowerQor converter can
be built more simply and reliably using high yield surface mount
techniques on a PCB substrate.
The PowerQor series of half-brick, quarter-brick and eighth-brick
converters uses the industry standard footprint and pin-out con-
figuration.
CONTROL FEATURES
REMOTE ON/OFF (Pin 2): The ON/OFF input, Pin 2, permits
the user to control when the converter is on or off. This input is
referenced to the return terminal of the input bus, Vin(-). The con-
verter is available with either positive or negative logic used for
the ON/OFF input.
In the positive logic version, the ON/OFF input is active high
(meaning that a high voltage turns the converter on). In the nega-
tive logic version, the ON/OFF signal is active low (meaning that
a low voltage turns the converter on). Figure A details five pos-
sible circuits for driving the ON/OFF pin.
REMOTE SENSE(+) (Pins 7 and 5): The SENSE(+) inputs
correct for voltage drops along the conductors that connect the
converter’s output pins to the load.
Pin 7 should be connected to Vout(+) and Pin 5 should be connect-
ed to Vout(-) at the point on the board where regulation is desired.
If these connections are not made, the converter will deliver an
output voltage that is slightly higher than its specified value.
Note: The output over-voltage protection circuit senses the voltage
across the sense leads (pins 7 and 5) to determine when it should
trigger, not the voltage across the converter’s output pins (pins 8
and 4).
OUTPUT VOLTAGE TRIM (Pin 6): The TRIM input permits the
user to adjust the output voltage across the sense leads up or
down according to the trim range specifications. SynQor uses
industry standard trim equations.
To decrease the output voltage, the user should connect a resistor
between Pin 6 (TRIM) and Pin 5 (SENSE(
) input). For a desired
decrease of the nominal output voltage, the value of the resistor
should be:
Rtrim-down =
(511) _ 10.22 kW
D%
where
D% = Vnominal – Vdesired
x 100%
Vnominal
Open Collector Enable Circuit
Figure A: Various circuits for driving the ON/OFF pin.
Remote Enable Circuit
Direct Logic Drive
Negative Logic
(Permanently Enabled)
Positive Logic
(Permanently Enabled)
ON/OFF
Vin(_
)
ON/OFF
ON/OFF
Vin(_
)
ON/OFF
5V
CMOS
Vin(_
)
ON/OFF
Vin(_)
Vin(_
)
Application Section


Similar Part No. - PQ60120QEB17PKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120QEB25NKS-G SYNQOR-PQ60120QEB25NKS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEB25NNS-G SYNQOR-PQ60120QEB25NNS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEB25NRS-G SYNQOR-PQ60120QEB25NRS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEB25NYS-G SYNQOR-PQ60120QEB25NYS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEB25PKS-G SYNQOR-PQ60120QEB25PKS-G Datasheet
1Mb / 13P
   Quarter-brick DC/DC Converter
More results

Similar Description - PQ60120QEB17PKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com