Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHEMF7PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CHEMF7PT
Description  Power Management (Dual Transistor)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHEMF7PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CHEMF7PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHEMF7PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHEMF7PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. CHEMF7PT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. CHEMF7PT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CHDTC123E LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. Characteristics of built-in transistor.
2SC5585 CHARACTERISTICS
Tamb =25 °C unless otherwise speciÞed.
CHDTC123E CHARACTERISTICS
Note
Pulse test: tp
≤300uS; δ≤0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
Supply voltage
50
V
VIN
Input voltage
-10
+20
V
IO
100
IC(Max.)
DC Output current
100
mA
PC
150
mW
TSTG
Storage temperature
−55
+150
OC
TJ
Junction temperature
150
OC
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
BVEBO
Collector-emitter breakdown voltage
12
V
Collector-base breakdown voltage
15
V
V
Emitter-base breakdown voltage
Collector cut-off current
100
nA
Emitter cut-off current
Collector-emitter saturation voltage
hFE
DC current gain
100
270
90
mV
Collector output capacitance
7.5
f T
Transition frequency
320
MHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VIoff)
Input off voltage
IO=100uA; VCC=5.0V
0.5
V
VI(on)
Input on voltage
IO=20mA; VO=0.3V
3.0
V
V
VO(on)
Output voltage
IO=10mA; II=0.5mA
0.3
0.1
II
Input current
VI=5V
3.8
mA
IC(off)
Output current
R1
Input resistor
VI=0V; VCC=50V
G1
DC current gain
IO=20mA; VO=5.0V
0.5
20
K
R2/R1
Resistor ratio
0.8
1.2
2.2
1.0
uA
f T
Transition frequency
IE=-5mA, VCE=10.0V
f=100MHz
=
250
MHz
Tamb =25 °C unless otherwise speciÞed.
6
NOTE.1
Power dissipation
NOTE.2
2. Each terminal mounter on a recommended land.
BVCBO
BVCEO
ICBO
IEBO
Cob
VCE(sat)
nA
680
pF
VCE=2V,IE=-10mA,f=100MHZ
VCB=10V,IE=0mA,f=1MHZ
IC=200mA,IB=10mA
VCE=2V,IC=10mA
VCB=15V
VEB=6V
IE=10uA
IC=10uA
IC=1mA
Note
1.Pulse test: tp
≤300uS; δ≤0.02.
250


Similar Part No. - CHEMF7PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHEMF17PT CHENMKO-CHEMF17PT Datasheet
162Kb / 4P
   Power Management (Dual Transistor)
CHEMF18PT CHENMKO-CHEMF18PT Datasheet
139Kb / 4P
   Power Management (Dual Transistor)
CHEMF19PT CHENMKO-CHEMF19PT Datasheet
162Kb / 4P
   Power Management (Dual Transistor)
CHEMF20PT CHENMKO-CHEMF20PT Datasheet
165Kb / 4P
   Power Management (Dual Transistor)
CHEMF21PT CHENMKO-CHEMF21PT Datasheet
147Kb / 5P
   Power Management (Dual Transistor)
More results

Similar Description - CHEMF7PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHUMF4PT CHENMKO-CHUMF4PT Datasheet
246Kb / 5P
   Power Management (Dual Transistor)
CHUMF21PT CHENMKO-CHUMF21PT Datasheet
137Kb / 5P
   Power Management (Dual Transistor)
CHUMF24PT CHENMKO-CHUMF24PT Datasheet
157Kb / 4P
   Power Management (Dual Transistor)
CHEMF19PT CHENMKO-CHEMF19PT Datasheet
162Kb / 4P
   Power Management (Dual Transistor)
CHEMF21PT CHENMKO-CHEMF21PT Datasheet
147Kb / 5P
   Power Management (Dual Transistor)
CHUMF22PT CHENMKO-CHUMF22PT Datasheet
136Kb / 5P
   Power Management (Dual Transistor)
CHUMF5PT CHENMKO-CHUMF5PT Datasheet
136Kb / 5P
   Power Management (Dual Transistor)
CHUMF7PT CHENMKO-CHUMF7PT Datasheet
157Kb / 5P
   Power Management (Dual Transistor)
CHUMF17PT CHENMKO-CHUMF17PT Datasheet
152Kb / 4P
   Power Management (Dual Transistor)
CHUMF20PT CHENMKO-CHUMF20PT Datasheet
156Kb / 4P
   Power Management (Dual Transistor)
CHUMF23PT CHENMKO-CHUMF23PT Datasheet
128Kb / 4P
   Power Management (Dual Transistor)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com