Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60120HZA50PRS Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ60120HZA50PRS
Description  Half-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120HZA50PRS Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ60120HZA50PRS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60120HZA50PRS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60120HZA50PRS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60120HZA50PRS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120HZA50PRS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120HZA50PRS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120HZA50PRS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120HZA50PRS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120HZA50PRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
T
Technical
echnical
S
Specification
pecification
PQ60120HZA50
PQ60120HZA50
Product # PQ60120HZA50
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HZ612J Rev. A
8/20/07
Page 1
TThhee PPQ
Q6
60
01
12
20
0H
HZZA
A5
50
0 PPoow
weerrQ
Qoorr®® ZZeettaa hhaallff--bbrriicckk ccoonnvveerrtteerr
iiss aa nneexxtt--ggeenneerraattiioonn,, bbooaarrdd--m
moouunnttaabbllee,, iissoollaatteedd,, ffiixxeedd
ssw
wiittcchhiinngg ffrreeqquueennccyy D
DC
C/
/D
DC
C ccoonnvveerrtteerr.. TThhee ZZeettaa sseerriieess
ooffffeerrss iinndduussttrryy lleeaaddiinngg ppoow
weerr ddeennssiittyy ffoorr ssttaannddaarrdd iissoollaatteedd
D
DC
C/
/D
DC
C ccoonnvveerrtteerrss w
wiitthh bbootthh aa w
wiiddee iinnppuutt rraannggee aanndd aa ttiigghhtt--
llyy rreegguullaatteedd oouuttppuutt.. TTaarrggeetteedd ffoorr uussee iinn iinntteerrm
meeddiiaattee bbuuss
aarrcchhiitteeccttuurreess,, tthhiiss m
moodduullee ssuupppplliieess aann iissoollaatteedd sstteepp ddoow
wnn
vvoollttaaggee ffrroom
m 3
35
5--7
75
5VV ttoo 1
12
2VV aanndd pprroovviiddeess m
moorree aavvaaiillaabbllee
ppoow
weerr aanndd hhiigghheerr eeffffiicciieennccyy tthhaann m
moosstt ccoom
mppeettiittiivvee bbuuss ccoonn--
vveerrtteerrss.. TThhiiss ccoonnvveerrtteerr iiss aavvaaiillaabbllee iinn ooppeenn--ffrraam
mee aanndd bbaassee--
ppllaatteedd vveerrssiioonnss.. RRooH
HSS C
Coom
mpplliiaanntt ((sseeee ppaaggee 1
12
2))..
35-75V
35-75V
12V
12V
50Amp
50Amp
2250Vdc
2250Vdc
Half-brick
Half-brick
Input
Input
Output
Output
Current
Current
Isolation
Isolation
DC/DC Conver
DC/DC Conver ter
ter
• Ultra-high efficiency, 95% at full rated load current,
96.5% at half rated load current
• Delivers up to 50A of output current (600W) with
optional base-plate configuration
• Wide input voltage range: 35V – 75V, with 100V
100ms input voltage transient capability
• Fixed frequency switching provides predictable EMI
performance
• No minimum load requirement means no preload
resistors required
• Wide output voltage trim range (-50% to +5%), see
trim section
Operational Features
Operational Features
• Input under-voltage lockout disables converter at low
input voltage conditions
• Output current limit and short circuit protection protects
converter and load from damage and consequent haz-
ardous conditions
• Active back bias limit provides smooth startup with
external load induced pre-bias
• Latching output over-voltage protection protects load
from damaging voltages
• Thermal shutdown protects converter from abnormal
environmental conditions
Pr
Protection Features
otection Features
• 2250V, 30 MW input-to-output isolation provides
input/output ground separation
• UL/cUL 60950-1 recognized (US & Canada), basic
insulation rating
• TUV certified to EN60950-1
• Meets 72/23/EEC and 93/68/EEC directives which
facilitates CE Marking in user’s end product
• Board and plastic components meet UL94V-0 flammabil-
ity requirements
Safety Features
Safety Features
• Industry standard half-brick pin-out configuration
• Industry standard size: 2.3” x 2.4” (58.4 x 61.0mm)
• Total height only 0.50” (12.7mm) for baseplated unit,
open-frame only 0.420” (10.67mm)
• Total weight: 4.3 oz. (123 grams) for baseplated unit,
open-frame 2.6oz. (75 grams)
• Flanged pins designed to permit surface mount solder-
ing (avoiding wave solder) using FPiP technique
Mechanical Features
Mechanical Features
• On/Off control referenced to input side (positive and
negative logic options are available)
Contr
Control Features
ol Features
PQ60120HZA50 Module


Similar Part No. - PQ60120HZA50PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120HZA50PRS-G SYNQOR-PQ60120HZA50PRS-G Datasheet
988Kb / 13P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60120HZA50PRS

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com