Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60120HTA14PYS Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # PQ60120HTA14PYS
Description  165 Watt, No Heatsink, Isolated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120HTA14PYS Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  PQ60120HTA14PYS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60120HTA14PYS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60120HTA14PYS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60120HTA14PYS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120HTA14PYS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120HTA14PYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120HTA14PYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120HTA14PYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120HTA14PYS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
60
65
70
75
80
85
90
95
100
01
2345
678
9
10 11 12
13 14
Load Current (A)
36 Vin
48 Vin
75 Vin
Product # PQ60120HTA14
Phone 1-888-567-9596
Doc.# 005-2HT612F Rev. D
9/9/04
Page 5
88
89
90
91
92
93
94
0
100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C
Figure 2: Efficiency at nominal output voltage and 60% rated power vs.
airflow rate for ambient air temperatures of 25°C, 40°C, and 55°C
(nominal input voltage).
0
2
4
6
8
10
12
14
16
18
01
234
56
789
10
11
12
13
14
Load Current (A)
36 Vin
48 Vin
75 Vin
Figure 3: Power dissipation at nominal output voltage vs. load current
for minimum, nominal, and maximum input voltage at 25°C.
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
0
100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C
Figure 4: Power dissipation at nominal output voltage and 60% rated
power vs. airflow rate for ambient air temperatures of 25°C, 40°C, and
55°C (nominal input voltage).
0
2
4
6
8
10
12
14
025
40
55
70
85
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0 LFM (0 m/s)
Figure 5: Maximum output power derating curves vs. ambient air tem-
perature for airflow rates of 0 LFM through 400 LFM with air flowing
from input to output (nominal input voltage).
Figure 6: Thermal plot of converter at 12 amp load current with 55°C
air flowing at the rate of 200 LFM. Air is flowing across the converter
from input to output (nominal input voltage).
Half
Half
Brick
Brick
Performance Curves
48Vin 12Vout 13.8A
Figure 1: Efficiency at nominal output voltage vs. load current for min-
imum, nominal, and maximum input voltage at 25°C.


Similar Part No. - PQ60120HTA14PYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120HPA20 SYNQOR-PQ60120HPA20 Datasheet
944Kb / 13P
   Half-brick DC/DC Converter
PQ60120HPA20NKF SYNQOR-PQ60120HPA20NKF Datasheet
944Kb / 13P
   Half-brick DC/DC Converter
PQ60120HPA20NKS SYNQOR-PQ60120HPA20NKS Datasheet
944Kb / 13P
   Half-brick DC/DC Converter
PQ60120HPA20NNF SYNQOR-PQ60120HPA20NNF Datasheet
944Kb / 13P
   Half-brick DC/DC Converter
PQ60120HPA20NNS SYNQOR-PQ60120HPA20NNS Datasheet
944Kb / 13P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60120HTA14PYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48150HTA11 SYNQOR-PQ48150HTA11 Datasheet
750Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48120HGA12 SYNQOR-PQ48120HGA12 Datasheet
728Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48060QGA17 SYNQOR-PQ48060QGA17 Datasheet
768Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120QGA08 SYNQOR-PQ60120QGA08 Datasheet
1Mb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60050HPA45 SYNQOR-PQ60050HPA45 Datasheet
704Kb / 13P
   225 Watt, No Heatsink, Isolated DC/DC Converter
PQ60060QGA17 SYNQOR-PQ60060QGA17 Datasheet
770Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HGA10 SYNQOR-PQ48150HGA10 Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150QGA07 SYNQOR-PQ48150QGA07 Datasheet
730Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ65180QGA06 SYNQOR-PQ65180QGA06 Datasheet
683Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com