Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ60120HTA14PRS Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # PQ60120HTA14PRS
Description  165 Watt, No Heatsink, Isolated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120HTA14PRS Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button PQ60120HTA14PRS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120HTA14PRS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120HTA14PRS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120HTA14PRS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120HTA14PRS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120HTA14PRS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60120HTA14PRS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60120HTA14PRS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60120HTA14PRS Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
0.001
0.01
0.1
1
10
100
1,000
10,000
100,000
Hz
36 Vin
48 Vin
75 Vin
Figure 19: Magnitude of incremental output impedance (Zout =
vout/iout) for minimum, nominal, and maximum input voltage at full
rated power.
Product # PQ60120HTA14
Phone 1-888-567-9596
Doc.# 005-2HT612F Rev. D
9/9/04
Page 8
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1,000
10,000
100,000
Hz
36 Vin
48 Vin
75 Vin
Figure 20: Magnitude of incremental forward transmission (FT =
vout/vin) for minimum, nominal, and maximum input voltage at full
rated power.
-60
-50
-40
-30
-20
-10
0
10
10
100
1,000
10,000
100,000
Hz
36 Vin
48 Vin
75 Vin
Figure 21: Magnitude of incremental reverse transmission (RT =
iin/iout) for minimum, nominal, and maximum input voltage at full rated
power.
0.1
1
10
100
10
100
1,000
10,000
100,000
Hz
36 Vin
48 Vin
75 Vin
Figure 22: Magnitude of incremental input impedance (Zin = vin/iin)
for minimum, nominal, and maximum input voltage at full rated power.
Half
Half
Brick
Brick
Performance Curves
48Vin 12Vout 13.8A


Similar Part No. - PQ60120HTA14PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120HPA20 SYNQOR-PQ60120HPA20 Datasheet
944Kb / 13P
   Half-brick DC/DC Converter
PQ60120HPA20NKF SYNQOR-PQ60120HPA20NKF Datasheet
944Kb / 13P
   Half-brick DC/DC Converter
PQ60120HPA20NKS SYNQOR-PQ60120HPA20NKS Datasheet
944Kb / 13P
   Half-brick DC/DC Converter
PQ60120HPA20NNF SYNQOR-PQ60120HPA20NNF Datasheet
944Kb / 13P
   Half-brick DC/DC Converter
PQ60120HPA20NNS SYNQOR-PQ60120HPA20NNS Datasheet
944Kb / 13P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60120HTA14PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48150HTA11 SYNQOR-PQ48150HTA11 Datasheet
750Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48120HGA12 SYNQOR-PQ48120HGA12 Datasheet
728Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48060QGA17 SYNQOR-PQ48060QGA17 Datasheet
768Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120QGA08 SYNQOR-PQ60120QGA08 Datasheet
1Mb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60050HPA45 SYNQOR-PQ60050HPA45 Datasheet
704Kb / 13P
   225 Watt, No Heatsink, Isolated DC/DC Converter
PQ60060QGA17 SYNQOR-PQ60060QGA17 Datasheet
770Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HGA10 SYNQOR-PQ48150HGA10 Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150QGA07 SYNQOR-PQ48150QGA07 Datasheet
730Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ65180QGA06 SYNQOR-PQ65180QGA06 Datasheet
683Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com