Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE2142CD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2142CD
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2142CD Datasheet(HTML) 2 Page - Texas Instruments

  TLE2142CD Datasheet HTML 1Page - Texas Instruments TLE2142CD Datasheet HTML 2Page - Texas Instruments TLE2142CD Datasheet HTML 3Page - Texas Instruments TLE2142CD Datasheet HTML 4Page - Texas Instruments TLE2142CD Datasheet HTML 5Page - Texas Instruments TLE2142CD Datasheet HTML 6Page - Texas Instruments TLE2142CD Datasheet HTML 7Page - Texas Instruments TLE2142CD Datasheet HTML 8Page - Texas Instruments TLE2142CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
TLE214x, TLE214xA
EXCALIBUR LOW NOISE HIGHSPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS183C − FEBRUARY 1997 − REVISED JUNE 2006
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLE2141 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUT-
LINE†
(D)
CERAMIC DIP
(JG)
PLASTIC DIP
(P)
0
°C to 70°C
500
µV
900
µV
TLE2141ACD
TLE2141CD
TLE2141ACP
TLE2141CP
−40
°C to 105°C
500
µV
900
µV
TLE2141AID
TLE2141ID
TLE2141AIP
TLE2141IP
−55
°C to 125°C
500
µV
900
µV
TLE2141MD
TLE2141AMJG
TLE2141MJG
† The D packages are available taped and reeled. Add R suffix to device type (e.g.,
TLE2141ACDR).
TLE2142 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE†
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
TSSOP‡
(PW)
CERAMIC
FLAT PACK
(U)
0
°C to 70°C
750
µV
TLE2142ACD
TLE2142ACP
0
°C to 70°C
1200
µV
TLE2142CD
TLE2142CP
TLE2142CPWLE
−40
°C to 105°C
750
µV
TLE2142AID
TLC2142AIP
−40
°C to 105°C
1200
µV
TLE2142ID
TLC2142IP
−55
°C to 125°C
750
µV
TLE2142AMD
TLE2142AMFK
TLE2142AMJG
TLE2142AMU
−55
°C to 125°C
1200
µV
TLE2142MD
TLE2142MFK
TLE2142MJG
TLE2142MU
† The D packages are available taped and reeled. Add R suffix to device type (e.g., TLC2142ACDR).
‡ The PW packages are available left-ended taped and reeled. Add LE the suffix to device type (e.g., TLC2142CPWLE).
TLE2144 AVAILABLE OPTIONS
VIOmax
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE†
(DW)
CHIP CARRIER
(FK)
CERAMIC DIP
(J)
PLASTIC DIP
(N)
0
°C to 70°C
1.5 mV
2.4 mV
TLE2144CDW
TLE2144ACN
TLE2144CN
−40
°C to 105°C
1.5 mV
2.4 mV
TLE2144IDW
TLE2144AIN
TLE2144IN
−55
°C to 125°C
1.5 mV
2.5 mV
TLE2144MDW
TLE2144AMFK
TLE2144MFK
TLE2144AMJ
TLE2144MJ
† The DW packages are available taped and reeled. Add R suffix to device type (e.g., TLE2144CDWR).
symbol
+
OUT
IN +
IN −
OFFSET N1
(see Note A)
OFFSET N2
(see Note A)
NOTES: A. OFFSET N1 AND OFFSET N2
are only availiable on the
TLE2241x devices.


Similar Part No. - TLE2142CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2142CD TI-TLE2142CD Datasheet
1Mb / 72P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2142CD TI-TLE2142CD Datasheet
769Kb / 29P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
TLE2142CD TI-TLE2142CD Datasheet
1Mb / 72P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2142CD TI1-TLE2142CD Datasheet
1Mb / 79P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2142CDG4 TI-TLE2142CDG4 Datasheet
1Mb / 72P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - TLE2142CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2027 TI1-TLE2027_17 Datasheet
968Kb / 45P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2027 TI-TLE2027 Datasheet
562Kb / 35P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2144 TI-TLE2144 Datasheet
898Kb / 60P
[Old version datasheet]   EXCALIBUR LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI1-TLE214X_16 Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2142X TI-TLE2142X Datasheet
1Mb / 72P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI-TLE214X_08 Datasheet
1Mb / 72P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2037IDR TI1-TLE2037IDR Datasheet
994Kb / 46P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2027IDRG4 TI1-TLE2027IDRG4 Datasheet
1,022Kb / 46P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI-TLE214X_07 Datasheet
1Mb / 72P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2141-Q1 TI1-TLE2141-Q1 Datasheet
267Kb / 23P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com